Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457ASJ Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 25Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 26Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 27Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 28Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 29Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 30Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 31Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 32Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 33Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
29
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Application Information
7
Application Information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
7.1
Application Example
Figure 18
Simplified application circuit
TLE7258
GND
Micro Controller
e.g XC22xx
VS
VBat
LIN
BUS
BUS
TLE42xx
22μF
100nF
1nF
5 V or 3.3V
ECU_1
Pull-Up
to MCU
Supply
2.4kΩ
1
2
4
5
78
6
1μF
100nF
VQ
GND
INH
VI
1kΩ
INH
RxD
TxD
EN
GND
VCC
100nF
TLE8457
GND
Micro Controller
e.g XC22xx
VS
BUS
22μF
100nF
220pF
ECU_X
5
2
6
3
8
4
1μF
100nF
VCC
RxD
TxD
EN
GND
VCC
1
7
NRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com