| Electronic Components Datasheet Search |
|
TLE8457ASJ Datasheet(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457ASJ Datasheet(HTML) 9 Page - Infineon Technologies AG |
|
9 / 33 page ![]() Data Sheet 9 Rev. 1.0 2016-08-05 TLE8457 LIN Transceiver with integrated Voltage Regulator Functional Description 4.1.3 Init Mode After a power-up event the TLE8457 enters Init Mode by default. In this mode the LIN transceiver is disabled, but the voltage regulator is switched on. Following the linear voltage regulator has reached its nominal output voltage VCC and the NRST output set “high”, the external microcontroller can change the mode to Normal Operation Mode. If the Initialization Watchdog timer elapses before a “high” signal is detected on the EN input, the TLE8457 will autonomously transition to Sleep Mode (see “Initialization Watchdog” on Page 15). The Initialization Watchdog protection in Init Mode is always activated after starting up the voltage regulator and after a reset pulse, triggered by the NRST output going “high”. In Init Mode the TLE8457 indicates wake-up information on the RxD output. After a power-up and reset event, the RxD output will be “high”. If the TLE8457 is in Init Mode after BUS wake-up detection, the RxD output will be “low”. Transitions to Init Mode can be controlled with the EN input when in Sleep Mode, or automatic forced after: • Bus wake-up event on the BUS pin. • Power-up event on the supply VS. •Power-on reset caused by the supply VS. • Voltage regulator failure event due to VS undervoltage. • Recovery of an over-temperature event on the voltage regulator. Figure 5 Entering Init Mode after power-up TLE8457_INIT_MODE Init mode Un-powered The device remains in Init mode while the signal on the EN pin is „low“ VS,PON EN LIN VS Normal Operation mode RxD signals Power-up RxD signals Bus Wake-up tWK,bus NRST VCC t RxD t t t t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |