Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457ASJ Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 21Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 22Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
19
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
General Product Characteristics
5
General Product Characteristics
5.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 3
Absolute Maximum Ratings Voltages, Currents and Temperatures1)
All voltages with respect to ground; positive current flowing into pin; unless otherwise specified
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Voltage
Supply input voltage
VS
-0.3
–
45
V
LIN Spec 2.2A (Par. 11) P_5.1.1
Bus input voltage
VBUS
-27
–
40
V
–
P_5.1.2
Logic voltages at EN and TxD
Vlogic,in
-0.3
–
7.0
V
–
P_5.1.3
Logic voltages at RxD and NRST Vlogic,out
-0.3
–
VCC +
0.3
V–
P_5.1.4
Voltage regulator output
VCC
-0.3
–
7.0
V
–
P_5.1.5
Currents
Output current at RxD
IRxD
-15
–
15
mA –
P_5.1.6
Output current at NRST
INRST
––
10
mA –
P_5.1.7
Temperature
Junction temperature
Tj
-40
–
150
°C
–
P_5.1.8
Storage temperature
Ts
-55
–
150
°C
–
P_5.1.9
ESD Susceptibility
Electrostatic discharge voltage
at VS and BUS vs. GND
VESD
-8
–
8
kV
Human Body Model
(100pF via 1.5 kΩ)2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001 (1.5 kΩ, 100pF)
P_5.1.10
Electrostatic discharge voltage
all other pins
VESD
-2
–
2
kV
Human Body Model
(100pF via 1.5 kΩ)2)
P_5.1.11
Electrostatic discharge voltage
corner pins
VESD
-750
–
750
V
Charged Device
Model3)
3) ESD susceptibility, Charged Device Model “CDM” EIA / JESD 22-C101 or ESDA STM5.3.1
P_5.1.12
Electrostatic discharge voltage
at all other pins
VESD
-500
–
500
V
Charged Device
Model3)
P_5.1.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com