Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457ASJ Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 21Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 22Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 23Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Data Sheet
20
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
General Product Characteristics
5.2
Functional Range
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
Table 4
Operating Range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage
Supply Voltage range for Normal
Operation
VS(nor)
5.5
–
28
V
LIN Spec 2.2A Param.
10
P_5.2.12
Extended Supply Voltage Range
for Operation
VS(ext)
3.0
–
40
V
Parameter deviations
possible
P_5.2.22
Stability Requirement on VCC
Output capacitor range
CVCC
1.0
––µF
1), 3)
1) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%.
P_5.2.3
Output capacitor ESR
ESR(CVCC)–
–
5.0
Ω
2), 3)
2) Relevant ESR value at f = 10 kHz.
P_5.2.4
Thermal parameter
Junction temperature
Tj
-40
–
150
°C
3)
3) Not subject to production test, specified by design.
P_5.2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com