Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457ASJ Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 13Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
17
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
4.5
LIN Transceiver
The LIN interface is a single wire, bi-directional bus, used for in-vehicle networks. The integrated LIN
transceiver of the TLE8457 is the interface between the microcontroller and the physical LIN bus (see
Figure 18). Data from the microcontroller is driven to the LIN bus via the TxD input. The transmit data stream
on the TxD input is converted to a LIN bus signal with optimized slew rates in order to minimize the
electromagnetic emission of the LIN network. The RxD output reads back the information from the LIN bus to
the microcontroller. The receiver has an integrated filter network for noise suppression from the LIN bus and
to increase the electromagnetic immunity level of the transceiver.
The LIN specification defines two valid bus levels (see Figure 14):
• Dominant state with the LIN bus voltage level near GND, actively driven by a transceiver.
• Recessive state with the LIN bus voltage pulled up to the supply voltage VS through the bus termination.
By setting the TxD input of the TLE8457 to a logical “low” signal, the transceiver generates a dominant level on
the BUS interface pin. The receiver reads back the signal on the LIN bus and indicates the dominant LIN bus
signal with a logical “low” on the RxD output to the microcontroller. By setting the TxD input “high”, the
transceiver sets the LIN interface pin to the recessive level. At the same time the recessive level on the LIN bus
is indicated by a logical “high” signal on the RxD output.
Every LIN network consists of a master node and one or more slave nodes. To configure the TLE8457 for
master node applications, a termination resistor of 1 kΩ and a diode must be connected between the LIN bus
and the power supply VS (see Figure 18).
Figure 14
LIN bus signals
TLE8457_LIN_COMMUNICATION_A
t
TxD
VCC
BUS
VS
Recessive
Dominant
Recessive
t
t
RxD
VCC
Vth_REC
Vth_DOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com