Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250VLE Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
14
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Fail safe functions
7
Fail safe functions
7.1
Short circuit protection
The CANH and CANL bus pins are proven to cope with a short circuit fault against GND and against the supply
voltages. A current limiting circuit protects the transceiver against damages. If the device is heating up due to
a continuous short on the CANH or CANL, the internal overtemperature protection switches off the bus
transmitter.
7.2
Unconnected logic pins
All logic input pins have an internal pull-up current source to VIO. In case the VIO and VCC supply is activated and
the logical pins are open, the TLE9250V enters into the Power-save mode by default.
7.3
TxD time-out function
The TxD time-out feature protects the CAN bus against permanent blocking in case the logical signal on the
TxD pin is continuously “low”. A continuous “low” signal on the TxD pin might have its root cause in a locked-
up microcontroller or in a short circuit on the printed circuit board, for example.
In Normal-operating mode, a logical “low” signal on the TxD pin for the time t > tTxD enables the TxD time-out
feature and the TLE9250V disables the transmitter (see Figure 10). The receiver is still active and the data on
the bus continues to be monitored by the RxD output pin.
Figure 10
TxD time-out function
Figure 10 illustrates how the transmitter is deactivated and activated again. A permanent “low” signal on the
TxD input pin activates the TxD time-out function and deactivates the transmitter. To release the transmitter
after a TxD time-out event, the TLE9250V requires a signal change on the TxD input pin from logical “low” to
logical “high”.
TxD
t
t
CANH
CANL
RxD
t
TxD time-out
TxD time–out released
t > tTxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com