Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250VLE Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 19Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 20Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 21Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 22Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 23Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
20
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
Bus receiver
Differential range “dominant”
Normal-operating mode
VDiff_D_Range 0.9
–
8.0
V
-12V ≤ VCMR ≤ 12 V;
P_9.1.46
Differential range “recessive”
Normal-operating mode
VDiff_R_Range -3.0
–
0.5
V
-12V ≤ VCMR ≤ 12 V;
P_9.1.48
Differential receiver hysteresis
Normal-operating mode
VDiff,hys
30
mV
1)
P_9.1.49
Common mode range
CMR
-12
–
12
V
–
P_9.1.52
Single ended internal
resistance
RCAN_H,
RCAN_L
6–
50
kΩ
“recessive” state”,
-2V ≤ VCANH ≤ 7V;
-2V ≤ VCANL ≤ 7V;
P_9.1.53
Differential internal resistance RDiff
12
–
100
kΩ
“recessive” state”,
-2V ≤ VCANH ≤ 7V;
-2V ≤ VCANL ≤ 7V;
P_9.1.54
Input resistance deviation
between CANH and CANL
∆Ri
-3
–
3
%
1) “recessive” state”,
VCANH = VCANL = 5V;
P_9.1.55
Input capacitance CANH,
CANL versus GND
CIn
–
2040pF
1)
P_9.1.56
Differential input capacitance CInDiff
–
1020pF
1)
P_9.1.57
Bus transmitter
CANL, CANH “recessive”
output voltage
Normal-operating mode
VCANL,H
2.0
2.5
3.0
V
VTxD = VIO,
no load;
P_9.1.58
CANH, CANL “recessive”
output voltage difference
Normal-operating mode
VDiff_R_NM =
VCANH -
VCANL
-500
–
50
mV
VTxD = VIO,
no load;
P_9.1.59
CANL “dominant”
output voltage
Normal-operating mode
VCANL
0.5
–
2.25
V
VTxD =0 V;
50 Ω < RL <65 Ω,
4.75 V < VCC <5.25 V;
P_9.1.60
CANH “dominant”
output voltage
Normal-operating mode
VCANH
2.75
–
4.5
V
VTxD =0 V;
50 Ω < RL <65 Ω,
4.75 V < VCC <5.25 V;
P_9.1.61
Differential voltage
“dominant”
Normal-operating mode
VDiff = VCANH - VCANL
VDiff_D_NM
1.5
2.0
3.0
V
VTxD =0 V,
50 Ω < RL <65 Ω,
4.75 V < VCC <5.25 V;
P_9.1.62
Differential voltage
“dominant” extended bus
load
Normal-operating mode
VDiff_EXT_BL 1.4
2.0
3.3
V
VTxD =0 V,
45 Ω < RL <70 Ω,
4.75 V < VCC <5.25 V;
P_9.1.63
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com