Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250VLE Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 19Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
16
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
General product characteristics
8
General product characteristics
8.1
Absolute maximum ratings
Note:
Stresses above the ones listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Integrated
protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal-operating range. Protection
functions are not designed for continuos repetitive operation.
Table 3
Absolute maximum ratings voltages, currents and temperatures1)
All voltages with respect to ground; positive current flowing into pin;
(unless otherwise specified)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Voltages
Transmitter supply voltage
VCC
-0.3
–
6.0
V
–
P_8.1.1
Digital supply voltage
VIO
-0.3
–
6.0
V
–
P_8.1.2
CANH and CANL DC voltage
versus GND
VCANH
-40
–
40
V
–
P_8.1.3
Differential voltage between
CANH and CANL
VCAN_Diff
-40
–
40
V
–
P_8.1.4
Voltages at the digital I/O pins:
NEN, RxD, TxD
VMAX_IO1
-0.3
–
6.0
V
–
P_8.1.5
Voltages at the digital I/O pins:
NEN, RxD, TxD
VMAX_IO2
-0.3
–
VIO +0.3 V
–
P_8.1.6
Currents
RxD output current
IRxD
-5
–
5
mA –
P_8.1.7
Temperatures
Junction temperature
Tj
-40
–
150
°C
–
P_8.1.8
Storage temperature
TS
-55
–
150
°C
–
P_8.1.9
ESD Resistivity
ESD immunity at CANH, CANL
versus GND
VESD_HBM_CAN -8
–
8
kV
HBM
(100 pF via 1.5 kΩ)2)
2) ESD susceptibility, Human Body Model “HBM” according to ANSI/ESDA/JEDEC JS-001
P_8.1.11
ESD immunity at all other pins VESD_HBM_ALL -2
–
2
kV
HBM
(100 pF via 1.5 kΩ)2)
P_8.1.12
ESD immunity all pins
VESD_CDM
-750
–
750
V
CDM3)
3) ESD susceptibility, Charge Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1
P_8.1.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com