Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250VLE Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 19Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 20Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 21Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
18
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
9
Electrical characteristics
9.1
Functional device characteristics
Table 6
Electrical characteristics
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Current Consumption
Current consumption at VCC
Normal-operating,
“recessive” state
ICC_R
–
24mA
VTxD = VIO, VNEN =0 V;
V =VIO VDiff = 0V;
P_9.1.1
Current consumption at VCC
Normal-operating mode,
“dominant” state
ICC_D
–
3860mA
VTxD = VNEN =0V;
V =VIO;
P_9.1.2
Current consumption at VIO
Normal-operating mode
IIO
––1.5
mA
VNEN =0 V;
V =VIO ; VDiff = 0V; VTxD =
VIO;
P_9.1.3
Current consumption at VCC
Power-save mode
ICC(PSM)
––5
µA
VTxD = VNEN =VIO;
P_9.1.4
Current consumption at VIO
Power-save mode
IIO(PSM)
–7
15
µA
VTxD = V(NEN) = VIO,
TJ< 125°C;
0V< VCC<5.5V;
P_9.1.5
Current consumption at VCC
Forced-receive-only mode
ICC(FROM)
––1
mA
VTxD = VNEN = 0V;
0V< VCC< VCC(UV,F);
VDiff = 0V;
P_9.1.10
Current consumption at VIO
Forced-receive-only mode
IIO(FROM)
–0.8
1.5
mA
VTxD = VNEN = 0 V;
0V< VCC< VCC(UV,F); VDiff
= 0V;
P_9.1.11
Supply resets
VCC undervoltage monitor
rising edge
VCC(UV,R)
3.8
4.35
4.5
V
–
P_9.1.12
VCC undervoltage monitor
falling edge
VCC(UV,F)
3.8
4.25
4.5
V
–
P_9.1.13
VCC undervoltage monitor
hysteresis
VCC(UV,H)
–
100
–
mV
1)
P_9.1.14
VIO undervoltage monitor
rising edge
VIO(UV,R)
2.0
2.55
3.0
V
–
P_9.1.15
VIO undervoltage monitor
falling edge
VIO(UV,F)
2.0
2.4
3.0
V
–
P_9.1.16
VIO undervoltage monitor
hysteresis
VIO(UV,H)
–
150
–
mV
1)
P_9.1.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com