Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250VLE Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 19Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 20Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
17
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
General product characteristics
8.2
Functional range
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
8.3
Thermal resistance
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more
information, please visit www.jedec.org.
Table 4
Functional range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltages
Transmitter supply voltage
VCC
4.5
–
5.5
V
–
P_8.2.1
Digital supply voltage
VIO
3.0
–
5.5
V
–
P_8.2.2
Thermal Parameters
Junction temperature
Tj
-40
–
150
°C
1)
1) Not subject to production test, specified by design.
P_8.2.3
Table 5
Thermal resistance1)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min. Typ. Max.
Thermal Resistances
Junction to Ambient
PG-TSON-8
RthJA_TSON8 –65
–K/W
2)
2) Specified RthJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board. The product
(TLE9250V) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu)
P_8.3.1
Junction to Ambient
PG-DSO-8
RthJA_DSO8 –
120
–
K/W
2)
P_8.3.2
Thermal Shutdown (junction temperature)
Thermal shutdown temperature,
rising
TJSD
170
180
190
°C
temperature
falling: Min. 150°C
P_8.3.3
Thermal shutdown hysteresis
∆T
510
20
K
P_8.3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com