Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250XLE Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE9250XLE
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250XLE Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE9250XLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 19Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 20Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 21Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 22Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 23Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 24Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 25Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
22
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
Differential voltage
“dominant” high extended
bus load
Normal-operating mode
VDiff_HEXT_BL 1.5
–
5.0
V
VTxD =0 V,
RL = 2240Ω,
4.75 V < VCC <5.25 V,
static behavior;1)
P_9.1.64
Driver symmetry
(VSYM = VCANH + VCANL)
VSYM
0.9 ×
VCC
1.0 ×
VCC
1.1 ×
VCC
V
1) 2) C1 = 4.7nF
P_9.1.67
CANL short circuit current
ICANLsc
40
75
115
mA
VCANLshort =18 V,
t<tTxD,
VTxD =0 V;
P_9.1.68
CANH short circuit current
ICANHsc
-115
-75
-40
mA
VCANHshort = -3 V,
t<tTxD,
VTxD =0 V;
P_9.1.70
Leakage current, CANH
ICANH,lk
-5
–
5
µA
VCC = VIO =0 V,
0V< VCANH ≤ 5V,
VCANH = VCANL;
P_9.1.71
Leakage current, CANL
ICANL,lk
-5
–
5
µA
VCC = VIO =0 V,
0V< VCANL ≤ 5V,
VCANH = VCANL;
P_9.1.72
Dynamic CAN-transceiver characteristics
Propagation delay
TxD-to-RxD
tLoop
80
–
255
ns
C1 =0pF,
C2 = 100 pF,
CRxD =15 pF;
(see Figure 13)
P_9.1.73
Propagation delay
increased load
TxD-to-RxD
tLoop_150
80
–
330
ns
C1 =0pF,
C2 = 100 pF,
CRxD =15 pF,
RL = 150 Ω1)
P_9.1.74
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com