| Electronic Components Datasheet Search |
|
TLE9250XLE Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9250XLE Datasheet(HTML) 10 Page - Infineon Technologies AG |
|
10 / 29 page ![]() Data Sheet 10 Rev. 1.0 2017-08-09 HS CAN Transceiver High Speed CAN Transceiver Modes of operation • The transmitter is disabled and the data available on the TxD input is blocked. •The normal-mode receiver is enabled. • The RxD output pin indicates the data received by the normal-mode receiver. • The bus biasing is connected to VCC/2. • The RM input pin is active and changes the mode of operation to Normal-operating mode, if logical “low”. • The TxD time-out function is disabled. • The overtemperature protection is disabled. • The undervoltage detection on VCC is active and changes the mode of operation to Forced-receive-only mode in case of detection. • The undervoltage detection on VIO is enabled and powers down the device in case of detection. • Receive-only mode can only be entered when VCC (VCC > VCC(UV,R)) and VIO(VIO > VIO(UV,R)) are available. 5.4 Power-down state Independent of the transmitter supply VCC and RM input pin the TLE9250X is powered down if the supply voltage VIO < VIO(UV,R) (see Figure 4). In the power-down state the differential input resistors of the receiver are switched off. The CANH and CANL bus interface of the TLE9250X is floating and acts as a high-impedance input with a very small leakage current. The high-ohmic input does not influence the “recessive” level of the CAN network and allows an optimized EME performance of the entire HS CAN network. In power-down state the transceiver is an invisible node to the bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |