Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250XLE Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE9250XLE
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250XLE Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE9250XLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 19Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 20Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 21Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 22Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 23Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
20
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
VIO delay time power-down
tPOFF
–
–
100
µs
1) (see Figure 6);
P_9.1.20
Receiver output RxD
“High” level output current
IRxD,H
–-4
-1
mA
VRxD = VIO -0,4 V; VDiff <
0,5V
P_9.1.21
“Low” level output current
IRxD,L
1
4
–
mA
VRxD =0.4 V; VDiff > 0,9V P_9.1.22
Transmission input TxD
“High” level input voltage
threshold
VTxD,H
–0.5
× VIO
0.7
× VIO
V“recessive” state;
P_9.1.26
“Low” level input voltage
threshold
VTxD,L
0.3
× VIO
0.4
× VIO
–V
“dominant” state;
P_9.1.27
Input hysteresis
VHYS(TxD)
–
200
–
mV
1)
P_9.1.28
“High” level input current
ITxD,H
-2
–
2
µA
VTxD = VIO;
P_9.1.29
“Low” level input current
ITxD,L
-200
–
-20
µA
VTxD =0 V;
P_9.1.30
Input capacitance
CTxD
––10
pF
1)
P_9.1.31
TxD permanent “dominant”
time-out, optional
tTxD
1–
4ms
Normal-operating
mode;
P_9.1.32
Receive-only input RM
“High” level input voltage
threshold
VRM,H
–0.5
× VIO
0.7
× VIO
V
Receive-only mode;
P_9.1.36
“Low” level input voltage
threshold
VRM,L
0.3
× VIO
0.4
× VIO
–
V
Normal-operating
mode;
P_9.1.37
“High” level input current
IRM,H
20
–
250
µA
VRM = VIO
P_9.1.40
“Low” level input current
IRM,L
-2
–
2
µA
VRM =0V
P_9.1.41
Input hysteresis
VHYS(RM)
–
200
–
mV
1)
P_9.1.42
Input capacitance
C(RM)
––10
pF
1)
P_9.1.43
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com