Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250XLE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE9250XLE
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250XLE Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE9250XLE Datasheet HTML 4Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 5Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 6Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 7Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 8Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 9Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 10Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 11Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
8
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Modes of operation
5
Modes of operation
The TLE9250X supports three different modes of operation (see Figure 4 and Table 2):
• Normal-operating mode
•Receive-only mode
•Forced-receive-only mode
Mode changes are either triggered by the mode selection input pin RM or by an undervoltage event on the
transmitter supply VCC. An undervoltage event on the digital supply VIO powers down the TLE9250X.
Figure 4
Mode state diagram
Table 2
Modes of operation
Mode
RM
VIO
VCC
Bus Bias
Transmitter
Normal-mode
Receiver
Normal-operating
“low”
“on” “on” VCC/2
“on”
“on”
Receive-only
“high” “on” “on” VCC/2
“off”
“off”
Forced-receive-only
“X”
“on” “X”
GND
“off”
“on”
Power-down state
“X”
“off” “X”
floating
“off”
“off”
RM
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
RM
VCC
VIO
0
“on”
“on”
Forced-
receive-only
mode
RM
VCC
VIO
“X”
“off”
“on”
Receive-only
mode
RM
VCC
VIO
1
“on”
“on”
VIO “on”
VCC “off”
RM “X”
VIO “on”
VCC “on”
RM “0”
VIO “on”
VCC “on”
RM “1”
VIO “on”
VCC “off”
RM “X”
VIO “on”
VCC “on”
RM “1”
VIO “on”
VCC “on”
RM “0”
VIO “on”
VCC “on”
RM “0”
VIO “on”
VCC “on”
RM “1”
VIO “on”
VCC “off”
RM “X”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com