Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250XLE Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE9250XLE
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250XLE Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE9250XLE Datasheet HTML 1Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 2Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 3Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 4Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 5Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 6Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 7Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 8Page - Infineon Technologies AG TLE9250XLE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Data Sheet
5
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Pin configuration
3
Pin configuration
3.1
Pin assignment
Figure 2
Pin configuration
3.2
Pin definitions
Table 1
Pin definitions and functions
Pin No.
Symbol
Function
1TxD
Transmit Data Input;
Internal pull-up to VIO, “low” for “dominant” state.
2GND
Ground
3
VCC
Transmitter Supply Voltage;
100 nF decoupling capacitor to GND required.
4RxD
Receive Data Output;
“low” in “dominant” state.
5
VIO
Digital Supply Voltage;
Supply voltage input to adapt the logical input and output voltage levels of the
transceiver to the microcontroller supply,
100 nF decoupling capacitor to GND required.
6CANL
CAN Bus Low Level I/O;
“low” in “dominant” state.
7CANH
CAN Bus High Level I/O;
“high” in “dominant” state.
8RM
Receive-only Input;
Internal pull-down to GND, “low” for Normal-operating mode.
PAD
–
Connect to PCB heat sink area.
Do not connect to other potential than GND.
TxD
RM
VIO
1
2
3
4
8
7
6
5
GND
VCC
RxD
CANH
CANL
1
2
3
4
8
7
6
5
TxD
GND
VCC
RxD
RM
VIO
CANH
CANL
(Top-side x-ray view)
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com