Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4451 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 45Page - Texas Instruments PCI4451 Datasheet HTML 46Page - Texas Instruments PCI4451 Datasheet HTML 47Page - Texas Instruments PCI4451 Datasheet HTML 48Page - Texas Instruments PCI4451 Datasheet HTML 49Page - Texas Instruments PCI4451 Datasheet HTML 50Page - Texas Instruments PCI4451 Datasheet HTML 51Page - Texas Instruments PCI4451 Datasheet HTML 52Page - Texas Instruments PCI4451 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 216 page
background image
3–5
SCL
SDA
VCC
A0
A1
A2
SCL
SDA
PCI4451
Serial
EEPROM
Figure 3–3. Serial EEPROM Application
As stated above, when the PCI4451 is reset by G_RST, the subsystem data is read automatically from the EEPROM.
The PCI4451 masters the serial EEPROM bus and reads four bytes as described in Figure 3–4.
S
Slave Address
b6 b5 b4 b3 b2 b1 b0
0
A
b7 b6 b5 b4 b3 b2 b1 b0
A
S
b6 b5 b4 b3 b2 b1 b0
1
A
Word Address
Slave Address
R/W
Restart
R/W
Data Byte 0
M
P
Data Byte 1
M
Data Byte 2
M
Data Byte 3
M
S/P – Start/Stop Condition
A – Slave Acknowledgment
M – Master Acknowledgment
Start
Stop
Figure 3–4. EEPROM Interface Subsystem Data Collection
The EEPROM is addressed at word address A0h (1010 0000b), as indicated in Figure 3–4, and the address
auto-increments after each byte transfers according to the protocol. Thus, to provide the subsystem register with data
AABBCCDDh the EEPROM should be programmed with address 0 = AAh, 1 = BBh, 2 = CCh, and 3 = DDh.
The serial EEPROM is addressed at slave address 1010 000b by the PCI4451. All hardware address bits for the
EEPROM should be tied to the appropriate level to achieve this address. The serial EEPROM chip in the sample
application circuit, Figure 3–3, assumes the 1010b high address nibble. The lower three address bits are terminal
inputs to the chip, and the sample application shows these terminal inputs tied to GND.
The serial EEPROM interface signals require pullup resistors. The serial EEPROM protocol allows bidirectional
transfers. Both the SCL and SDA signals are placed in a high-impedance state and pulled high when the bus is not
active. When the SDA line transitions to a logic low, this signals a start condition (S). A low-to-high transition of SDA
while SCL is high is defined as the stop condition (P). One bit is transferred during each clock pulse. The data on the
SDA line must remain stable during the high period of the clock pulse, as changes in the data line at this time will be
interpreted as a control signal. Data is valid and stable during the clock high period. Figure 3–5 illustrates this protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com