Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4451 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 9Page - Texas Instruments PCI4451 Datasheet HTML 10Page - Texas Instruments PCI4451 Datasheet HTML 11Page - Texas Instruments PCI4451 Datasheet HTML 12Page - Texas Instruments PCI4451 Datasheet HTML 13Page - Texas Instruments PCI4451 Datasheet HTML 14Page - Texas Instruments PCI4451 Datasheet HTML 15Page - Texas Instruments PCI4451 Datasheet HTML 16Page - Texas Instruments PCI4451 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 216 page
background image
xiii
9–18
Isochronous Receive Interrupt Event Register Description
9–20
. . . . . . . . . . .
9–19
Fairness Control Register Description
9–21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–20
Link Control Register Description
9–22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–21
Node Identification Register Description
9–23
. . . . . . . . . . . . . . . . . . . . . . . . . . .
9–22
PHY Control Register Description
9–24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–23
Isochronous Cycle Timer Register Description
9–25
. . . . . . . . . . . . . . . . . . . . . .
9–24
Asynchronous Request Filter High Register Description
9–26
. . . . . . . . . . . . .
9–25
Asynchronous Request Filter Low Register Description
9–28
. . . . . . . . . . . . . .
9–26
Physical Request Filter High Register Description
9–29
. . . . . . . . . . . . . . . . . . .
9–27
Physical Request Filter Low Register Description
9–31
. . . . . . . . . . . . . . . . . . .
9–28
Asynchronous Context Control Register Description
9–32
. . . . . . . . . . . . . . . . .
9–29
Asynchronous Context Command Pointer Register Description
9–33
. . . . . . .
9–30
Isochronous Transmit Context Control Register Description
9–34
. . . . . . . . . .
9–31
Isochronous Receive Context Control
9–36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–32
Isochronous Receive Context Match Register Description
9–38
. . . . . . . . . . . .
11–1
OHCI Registers and Bits Loadable Through Serial EEPROM
11–1
. . . . . . . . .
11–2
Serial EEPROM Map
11–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12–1
PC Card Address Setup Time, tsu(A), 8-Bit and 16-Bit PCI Cycles
12–7
. . . . .
12–2
PC Card Command Active Time, tc(A), 8-Bit PCI Cycles
12–7
. . . . . . . . . . . . .
12–3
PC Card Command Active Time, tc(A), 16-Bit PCI Cycles
12–7
. . . . . . . . . . . .
12–4
PC Card Address Hold Time, th(A), 8-Bit and 16-Bit PCI Cycles
12–7
. . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com