Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4451 Datasheet(PDF) 67 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 63Page - Texas Instruments PCI4451 Datasheet HTML 64Page - Texas Instruments PCI4451 Datasheet HTML 65Page - Texas Instruments PCI4451 Datasheet HTML 66Page - Texas Instruments PCI4451 Datasheet HTML 67Page - Texas Instruments PCI4451 Datasheet HTML 68Page - Texas Instruments PCI4451 Datasheet HTML 69Page - Texas Instruments PCI4451 Datasheet HTML 70Page - Texas Instruments PCI4451 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 216 page
background image
3–23
3.6.7
Requirements for SUSPEND
A requirement for implementing suspend mode is that the PCI bus must not be parked on the PCI4451 when
SUSPEND is asserted. The PCI4451 responds to SUSPEND being asserted by placing the REQ terminal in a
high-impedance state. The PCI4451 will also gate the internal clock and reset.
The GPIOs, MFUNC signals, and RI_OUT signals are all active during SUSPEND, unless they are disabled in the
appropriate PCI4451 registers.
3.6.8
Ring Indicate
The RI_OUT output is an important feature used in legacy power management. It is used so that a system can go
into a suspended mode and wake up on modem rings and other card events. The RI_OUT signal on the PCI4451
may be asserted under any of the following conditions:
•
A 16-bit PC Card modem in a powered socket asserts RI to indicate an incoming call to the system.
•
A powered down CardBus card asserts CSTSCHG (CBWAKE) requesting system and interface wake up.
•
A card status change (CSC) event, such as insertion/removal of cards, battery voltage levels, occurs.
A CSTSCHG signal from a powered CardBus card is indicated as a CSC event, not as a CBWAKE event. These two
RI_OUT events are enabled separately. The following figure details various enable bits for the PCI4451 RI_OUT
function; however, it does not illustrate the masking of CSC events. See Interrupt Masks and Flags, Section 3.5.2,
for a detailed description of CSC interrupt masks and flags.
RI_OUT is multiplexed on the same terminal with PME. The default is for RI_OUT to be signaled on this terminal.
In PCI power managed systems, the PME signal should be enabled by setting bit 0 (RI_OUT/PME) in the system
control register (PCI offset 80h, see Section 4.28) and clearing bit 7 (RIENB) in the card control register (PCI offset
91h, see Section 4.38).
RIENB
RICSC(A)
RI_OUT
PC Card
Socket 0
PC Card
Socket 1
Card
I/F
16-bit
Card
Bus
Card
I/F
16-bIt
Card
Bus
RICSC(B)
RI_OUT Function
CBWAKE
RI
CSC
CBWAKE
RI
CSC
Figure 3–17. RI_OUT Functional Illustration
Routing of CSC events to the RI_OUT signal, enabled on a per-socket basis, is programmed by the RICSC bit in the
card control register (PCI offset 91h, see Section 4.38). This bit is socket-dependent (not shared), as illustrated in
Figure 3–17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com