Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4451 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 67Page - Texas Instruments PCI4451 Datasheet HTML 68Page - Texas Instruments PCI4451 Datasheet HTML 69Page - Texas Instruments PCI4451 Datasheet HTML 70Page - Texas Instruments PCI4451 Datasheet HTML 71Page - Texas Instruments PCI4451 Datasheet HTML 72Page - Texas Instruments PCI4451 Datasheet HTML 73Page - Texas Instruments PCI4451 Datasheet HTML 74Page - Texas Instruments PCI4451 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 216 page
background image
4–3
4.4
PCI Command Register
The command register provides control over the PCI4451 interface to the PCI bus. All bit functions adhere to the
definitions in the PCI Local Bus Specification, see Table 4–2. None of the bit functions in this register are shared
between the two PCI4451 PCI functions. Two command registers exist in the PCI4451, one for each function.
Software manipulates the two PCI4451 functions as separate entities when enabling functionality through the
command register. The SERR_EN and PERR_EN enable bits in this register are internally wired OR between the
two functions, and these control bits appear separate per function to software.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI command
Type
R
R
R
R
R
R
R
R/W
R
R/W
R/W
R
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
PCI command
Type:
Read-only, Read/Write
Offset:
04h
Default:
0000h
Table 4–2. PCI Command Register Description
BIT
SIGNAL
TYPE
FUNCTION
15–10
RSVD
R
Bits 15–10 return 0s when read.
9
FBB_EN
R
Fast back-to-back enable. The PCI4451 will not generate fast back-to-back transactions; therefore, this bit
is read-only. This bit returns a 0 when read.
8
SERR_EN
R/W
System error (SERR) enable. This bit controls the enable for the SERR driver on the PCI interface. SERR
can be asserted after detecting an address parity error on the PCI bus. Both this bit and bit 6 must be set
for the PCI4451 to report address parity errors.
0 = Disables the SERR output driver (default)
1 = Enables the SERR output driver
7
STEP_EN
R
Address/data stepping control. The PCI4451 does not support address/data stepping, and this bit is
hardwired to 0. Writes to this bit have no effect.
6
PERR_EN
R/W
Parity error response enable. This bit controls the PCI4451 response to parity errors through the PERR
signal. Data parity errors are indicated by asserting PERR, while address parity errors are indicated by
asserting SERR.
0 = PCI4451 ignores detected parity error (default).
1 = PCI4451 responds to detected parity errors.
5
VGA_EN
R/W
VGA palette snoop. When set to 1, palette snooping is enabled (i.e., the PCI4451 does not respond to palette
register writes and snoops the data). When the bit is 0, the PCI4451 will treat all palette accesses like all
other accesses.
4
MWI_EN
R
Memory write and invalidate enable. This bit controls whether a PCI initiator device can generate memory
write-and-invalidate commands. The PCI4451 controller does not support memory write-and-invalidate
commands, it uses memory write commands instead; therefore, this bit is hardwired to 0. This bit returns
0 when read. Writes to this bit have no effect.
3
SPECIAL
R
Special cycles. This bit controls whether or not a PCI device ignores PCI special cycles. The PCI4451 does
not respond to special cycle operations; therefore, this bit is hardwired to 0. This bit returns 0 when read.
Writes to this bit have no effect.
2
MAST_EN
R/W
Bus master control. This bit controls whether or not the PCI4451 can act as a PCI bus initiator (master). The
PCI4451 can take control of the PCI bus only when this bit is set.
0 = Disables the PCI4451 ability to generate PCI bus accesses (default)
1 = Enables the PCI4451 ability to generate PCI bus accesses
1
MEM_EN
R/W
Memory space enable. This bit controls whether or not the PCI4451 may claim cycles in PCI memory space.
0 = Disables the PCI4451 response to memory space accesses (default)
1 = Enables the PCI4451 response to memory space accesses
0
IO_EN
R/W
I/O space control. This bit controls whether or not the PCI4451 may claim cycles in PCI I/O space.
0 = Disables the PCI4451 from responding to I/O space accesses (default)
1 = Enables the PCI4451 to respond to I/O space accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com