Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4451 Datasheet(PDF) 72 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 68Page - Texas Instruments PCI4451 Datasheet HTML 69Page - Texas Instruments PCI4451 Datasheet HTML 70Page - Texas Instruments PCI4451 Datasheet HTML 71Page - Texas Instruments PCI4451 Datasheet HTML 72Page - Texas Instruments PCI4451 Datasheet HTML 73Page - Texas Instruments PCI4451 Datasheet HTML 74Page - Texas Instruments PCI4451 Datasheet HTML 75Page - Texas Instruments PCI4451 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 216 page
background image
4–4
4.5
Status Register
The status register provides device information to the host system. Bits in this register may be read normally. A bit
in the status register is reset when a 1 is written to that bit location; a 0 written to a bit location has no effect. All bit
functions adhere to the definitions in the PCI Bus Specification, as seen in the bit descriptions. PCI bus status is shown
through each function. See Table 4–3 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Type:
Read-only, Read/Write
Offset:
06h (Functions 0, 1)
Default:
0210h
Table 4–3. Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15
PAR_ERR
R/W
Detected parity error. This bit is set when a parity error is detected, either address or data parity errors. Write
a 1 to clear this bit.
14
SYS_ERR
R/W
Signaled system error. This bit is set when SERR is enabled and the PCI4451 signaled a system error to
the host. Write a 1 to clear this bit.
13
MABORT
R/W
Received master abort. This bit is set when a cycle initiated by the PCI4451 on the PCI bus has been
terminated by a master abort. Write a 1 to clear this bit.
12
TABT_REC
R/W
Received target abort. This bit is set when a cycle initiated by the PCI4451 on the PCI bus was terminated
by a target abort. Write a 1 to clear this bit.
11
TABT_SIG
R/W
Signaled target abort. This bit is set by the PCI4451 when it terminates a transaction on the PCI bus with
a target abort. Write a 1 to clear this bit.
10–9
PCI_SPEED
R
DEVSEL timing. These bits encode the timing of DEVSEL and are hardwired to 01b indicating that the
PCI4451 asserts this signal at a medium speed on nonconfiguration cycle accesses.
8
DATAPAR
R/W
Data parity error detected. Write a 1 to clear this bit.
0 = The conditions for setting this bit have not been met.
1 = A data parity error occurred and the following conditions were met:
a. PERR was asserted by any PCI device including the PCI4451.
b. The PCI4451 was the bus master during the data parity error.
c. The parity error response bit is set in the command register.
7
FBB_CAP
R
Fast back-to-back capable. The PCI4451 cannot accept fast back-to-back transactions; thus, this bit is
hardwired to 0.
6
UDF
R
UDF supported. The PCI4451 does not support the user definable features; therefore, this bit is hardwired
to 0.
5
66MHZ
R
66-MHz capable. The PCI4451 operates at a maximum PCLK frequency of 33 MHz; therefore, this bit is
hardwired to 0.
4
CAPLIST
R
Capabilities list. This bit returns 1 when read. This bit indicates that capabilities in addition to standard PCI
capabilities are implemented. The linked list of PCI power management capabilities is implemented in this
function.
3–0
RSVD
R
These bits return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com