Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC205 Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC205 Datasheet HTML 35Page - Broadcom Corporation. AC205 Datasheet HTML 36Page - Broadcom Corporation. AC205 Datasheet HTML 37Page - Broadcom Corporation. AC205 Datasheet HTML 38Page - Broadcom Corporation. AC205 Datasheet HTML 39Page - Broadcom Corporation. AC205 Datasheet HTML 40Page - Broadcom Corporation. AC205 Datasheet HTML 41Page - Broadcom Corporation. AC205 Datasheet HTML 42Page - Broadcom Corporation. AC205 Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Advance Data Sheet
■ AC205
07/08/02
Broa d c om Co rp o r a ti o n
Document
AC205-DS05-405-R
Test and LED Effect Register Page 29
LED EFFECT WITH ACTIVITY (CRS) EVENT
LED EFFECT WITH AUTO-NEGOTIATING EVENT
LED EFFECT WITH SPEED100 EVENT
Table 37:
LED Effect with Activity (CRS) Event
Reg. Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED On with Activity
Event
When Activity, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED Blink with
Activity Event
When Activity, blink corresponding LED 1:0.
RW
11
3:2
Reserved
RO
00
1:0
LED Off with Activity
Event
When Activity, turn off corresponding LED 1:0.
RW
00
Table 38:
LED Effect with Auto-Negotiating Event
Reg. Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED On with Auto-
negotiating Event
When Auto-negotiating, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED Blink with Auto-
negotiating Event
When Auto-negotiating, blink corresponding LED 1:0.
RW
00
3:2
Reserved
RO
00
1:0
LED Off with Auto-
negotiating Event
When Auto-negotiating, turn off corresponding LED 1:0.
RW
00
Table 39:
LED Effect with Speed100 Event
Reg. Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED On with
Speed100 Event
When Speed100, turn on corresponding LED 1:0.
RW
01
7:6
Reserved
RO
00
5:4
LED Blink with
Speed100 Event
When Speed100, blink corresponding LED 1:0.
RW
01
3:2
Reserved
RO
00
1:0
LED Off with
Speed100 Event
When Speed100, turn off corresponding LED 1:0.
RW
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com