Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC205 Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button AC205 Datasheet HTML 10Page - Broadcom Corporation. AC205 Datasheet HTML 11Page - Broadcom Corporation. AC205 Datasheet HTML 12Page - Broadcom Corporation. AC205 Datasheet HTML 13Page - Broadcom Corporation. AC205 Datasheet HTML 14Page - Broadcom Corporation. AC205 Datasheet HTML 15Page - Broadcom Corporation. AC205 Datasheet HTML 16Page - Broadcom Corporation. AC205 Datasheet HTML 17Page - Broadcom Corporation. AC205 Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
■ AC205
Advance Data Sheet
07/08/02
Broa d c om Co rp o r a ti o n
Page 4
Auto-Negotiation and Miscellaneous Functions
Document
AC205-DS05-405-R
CLOCK/DATA RECOVERY
The equalized MLT-3 signal passes through a slicer circuit that converts to NRZI format. The transceiver uses a mixed-signal
phase locked loop (PLL) to extract clock information of the incoming NRZI data. The extracted clock is used to re-time the
data stream and set the data boundaries. The transmit clock is locked to the 25MHz clock input while the receive clock is
locked to the incoming data streams. When initial lock is achieved, the PLL switches to lock to the data stream, extracts a
125MHz clock and uses that for bit framing to recover data. The recovered 125MHz clock is also used to generate an internal
25MHz RX_CLK. The PLL requires no external components for its operation and has high noise immunity and low jitter. It
provides fast phase align (lock) to data in one transition and its data/clock acquisition time after power-on is less than 60
transitions. The PLL can maintain lock on run-lengths of up to 60 data bits in the absence of signal transitions. When no valid
data is present, i.e. when the SD is de-asserted, the PLL switches back to lock with TX_CLK, and provides a continuously
running RX_CLK.
DECODER/DESCRAMBLER
The descrambler detects the state of the transmit Linear Feedback Shift Register (LFSR) by looking for a sequence
representing consecutive idle codes. The descrambler acquires lock with the data stream by recognizing IDLE bursts of 30
or more bits and locking to its de-ciphering Linear Feedback Shift Register (LFSR).
Once lock is acquired, the device operates with the inter-packet-gap (IPG) as low as 40 ns. Before lock occurs, the de-
scrambler requires a minimum of 720 nS of idle in between packet in order to acquire lock.
The deciphering logic also tracks the number of consecutive receive errors detected while RX_DV is asserted. Once the
error counter exceeds its limit (currently set to 64 consecutive errors), the logic assumes that lock has been lost, and the de-
cipher circuit resets itself. The process of regaining lock begins again.
Stream cipher de-scrambler is not used in 10BASE-T mode.
AUTO-NEGOTIATION AND MISCELLANEOUS FUNCTIONS
Each of the Transceiver contains the ability to negotiate its mode of operation over the twisted pair using the auto-negotiation
mechanism defined in the clause 28 IEEE 802.3u specification. Auto-negotiation may be disabled by software via EEPROM.
The Transceiver automatically chooses its mode of operation by detecting the incoming signal.
During auto-negotiation, the auto-negotiation advertisement register is sent to its link partner through a series of fast link
pulse (FLP). When auto-negotiation enabled, Transceiver sends FLP during the following conditions: a) power on, b) link
loss, and c) restart command. At the same time, the device monitors incoming data to determine its mode of operation.
Parallel detection circuit is enabled as soon as 10BASE-T idle or 100Base-TX idle is detected. The mode of operation is
configured based on the technology of the incoming signal. When the device receives a burst of FLP from its link partner
with 3 identical link code words (ignoring acknowledge bit), it stores these code words in the auto-negotiation link partner
ability register and waits for the next 3 identical code word. Once the device detects the second code word, it configures
itself to the highest technology that is common to both ends. The technology priorities are 1) 100BASE-TX, half-duplex, 2)
10BASE-T half-duplex. Once auto-negotiation is complete, the status register reflects the actual speed that was chosen.
PARALLEL DETECTION
The Transceiver also checks for 10BASE-T NLP or 100BASE-TX idle symbols. If either is detected, the device automatically
configures to match the detected operating speed in half-duplex mode. This ability allows the device to communicate with
legacy 10BASE-T and 100BASE-TX systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com