Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC205 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AC205 Datasheet HTML 1Page - Broadcom Corporation. AC205 Datasheet HTML 2Page - Broadcom Corporation. AC205 Datasheet HTML 3Page - Broadcom Corporation. AC205 Datasheet HTML 4Page - Broadcom Corporation. AC205 Datasheet HTML 5Page - Broadcom Corporation. AC205 Datasheet HTML 6Page - Broadcom Corporation. AC205 Datasheet HTML 7Page - Broadcom Corporation. AC205 Datasheet HTML 8Page - Broadcom Corporation. AC205 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Br oad c om C o r por at ion
Altima Communications, Inc.
A Broadcom Company
P.O. Box 57013
16215 Alton Parkway
Irvine, California 92619-7013
© 2002 Altima Communicaitons, Inc.
All rights reserved
Printed in the U.S.A.
REVISION HISTORY
Broadcom®, the pulse logo®, and QAMLink® are registered trademarks of Broadcom Corporation and/or its subsidiaries in
the United States and certain other countries. All other trademarks are the property of their respective owners.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed, intended, or
certified for use in any military, nuclear, medical, mass transportation, aviation, navigations, pollution control, hazardous
substances management, or other high risk application. BROADCOM PROVIDES THIS DATA SHEET "AS-IS", WITHOUT
WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL WARRANTIES, EXPRESSED AND IMPLIED, INCLUDING,
WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, AND NON-INFRINGEMENT.
Revision
Date
Change Description
AC205-DS00-R
10/9/00
Initial release
AC205-DS01-R
02/08/01
•
Changed “DGND” pin #25 to #24 in Table 12, Power and Ground.
•
Updated text in “Scrambler” subsection of “Functional Description”
to read that “When the BT Control register 23.11 is set to 1 the data
scrambling function is disabled, the 5-bit data stream is clocked
directly to the device’s PMA sublayer.”
•
Updated Section 4, “Electrical Characteristics”, and Section 5,
Digital Timing Characteristics.
•
Added
new
Section
6,
“Mechanical
Information”,
outlining
packaging specifications.
•
Updated Digital Input Voltage from “-0.5V to Vcc” to “-0.5V to 3.3V”
in Section 4, Electrical Characteristics.
•
Updated LED Timing Information.
•
Updated Figure 1.
•
Removed Table 6, MII-A (Media Independent Interface) Pins.
•
Updated Table 14, No Connects, to include pins 1, 2, 3, 5, 6, 7, 8,
9, 10, 11, 13, 14, 15, 16, 17.
•
Updated “Functional Description” on page 1.
•
Various text changes.
AC205-DS02-R
06/19/01
•
Updated Figure 4, LED Display Matrix.
•
Updated Table 1, LED Connections.
•
Updated Table 12, Power and Ground.
•
Updated Table 14, Register Set.
•
Updated Table 18, Bridge Control Register.
•
Updated Table 27, BT Control Register.
•
Updated Table 36, LED Effect with Partition/Isolation Event.
•
Updated Table 42, EEPROM.
AC205-DS03-R
09/21/01
•
Updated Table 12, ”Power and Ground,” on page 15
AC205-DS04-R
06/07/02
•
Various edits
AC205-DS05-405-R
07/08/02
•
Various edits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com