Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC205 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button AC205 Datasheet HTML 9Page - Broadcom Corporation. AC205 Datasheet HTML 10Page - Broadcom Corporation. AC205 Datasheet HTML 11Page - Broadcom Corporation. AC205 Datasheet HTML 12Page - Broadcom Corporation. AC205 Datasheet HTML 13Page - Broadcom Corporation. AC205 Datasheet HTML 14Page - Broadcom Corporation. AC205 Datasheet HTML 15Page - Broadcom Corporation. AC205 Datasheet HTML 16Page - Broadcom Corporation. AC205 Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Advance Data Sheet
■ AC205
07/08/02
Broa d c om Co rp o r a ti o n
Document
AC205-DS05-405-R
Receive Function
Page 3
RECEIVE FUNCTION
In 100BASE-TX mode, the receive function implements the reverse order function in the transmit path. It includes a receiver
with adaptive equalization and DC restoration, MLT-3 to NRZI conversion, data and clock recovery at 125MHz, NRZI to NRZ
conversion, Serial-to-Parallel conversion, de-scrambling, and 5B to 4B decoding. The receiver circuit starts with a DC bias
for the differential RX+/- inputs, follows with a low-pass filter to filter out high frequency noise from the transmission channel
media. An energy detect circuit is also added to determine whether there is any signal energy on the media. This is useful
in the power-saving mode. The amplification ratio and slicer threshold is set by the on-chip bandgap reference.
In 10BASE-T mode, signal first passes through a 3rd order lowpass filter, which filters all the noise from the cable, board,
and transformer. This eliminates the need for a 10BASE-T external filter. A Manchester decoder and a Serial-to Parallel
follows to generate the 4-bit data in MII mode.
ADAPTIVE EQUALIZER
Each of the eight transceivers is designed to accommodate for maximum cable length of 150 meters UTP CAT5 cable. A
150 meters of UTP CAT-5 cable, such as AT&T 1061, has an attenuation of 31 dB at 100 MHz. A typical attenuation of a
100-meter cable is 20 dB. The worst case attenuation is around 24-26 dB defined by TP-PMD.
The amplitude and phase distortion from the cable causes inter-symbol interference (ISI) which makes clock and data
recovery impossible. Adaptive equalizer is done by matching the inverse transfer function of the twist-pair cable. This is a
variable equalizer that changes its equalizer frequency response in accordance to cable length. The cable length is
estimated based on comparisons of incoming signal strength against some the known cable characteristics. The equalizer
has a monotonically frequency response, and tunes itself automatically for any cable length to compensate for the amplitude
and phase distortion incurred from the cable.
LINK MONITOR
Signal levels are detected through a squelch detection circuitry. A signal detect (SD) circuit follows the equalizer and is
asserted high when the peak detector detects a post-equalized signal with peak to ground voltage level larger than 400 mV.
This is approximately 40% of a normal signal voltage level. In addition, the energy level must be sustained longer than 2~3
µs in order for the signal detects be asserted. It gets de-asserted approximately 1~2 µs after the energy level is consistently
less than 300 mV from peak to ground.
In 100BASE-TX mode, when no signal or invalid signal is detected on the receive pair, the link monitor enters in the link fail
state where only scrambled idle code is transmitted. When a valid signal is detected for a minimum period of time, the link
monitor enters a link pass state and transmit and receive functions are entered.
In 10BASe-T mode, a link-pulse detection circuit constantly monitors the RXIP/RXIN pins for the presence of valid link
pulses.
BASELINE WANDER COMPENSATION
The 100BASE-TX data stream is not always DC balanced. The transformer blocks the DC component of the incoming signal,
thus the DC offset of the differential receives inputs can wander. The shift in the signal levels, coupled with non-zero rise
and fall times of the serial stream can cause pulse-width distortion, creating jitter and possible increases in error rates.
Therefore, a DC restoration circuit is needed to compensate for the attenuation of DC component. The Transceiver
implemented is a patent-pending DC restoration circuit, unlike the traditional implementation; it does not need the feedback
information from the slicer and clock recovery. This not only simplifies the system/circuit design but also eliminates any
random/systematic offset on the receive path. In 10BASE-T mode, the baseline wander correction circuit is not required and
is bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com