Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC205 Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button AC205 Datasheet HTML 17Page - Broadcom Corporation. AC205 Datasheet HTML 18Page - Broadcom Corporation. AC205 Datasheet HTML 19Page - Broadcom Corporation. AC205 Datasheet HTML 20Page - Broadcom Corporation. AC205 Datasheet HTML 21Page - Broadcom Corporation. AC205 Datasheet HTML 22Page - Broadcom Corporation. AC205 Datasheet HTML 23Page - Broadcom Corporation. AC205 Datasheet HTML 24Page - Broadcom Corporation. AC205 Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Advance Data Sheet
■ AC205
07/08/02
Broa d c om Co rp o r a ti o n
Document
AC205-DS05-405-R
Pins Page 11
Section 2 : P ins
PIN DESCRIPTIONS
Many of these device pins have multiple functions. The separate descriptions of each pin are listed in the proper sections.
Designers must assure that they have identified all modes of operation prior to final design.
The pin assignment shown below and in the pin description table are subjected to change without notice. The user is advised
to contact Altima Communications Inc. before implementing any design based on the information provided in this data sheet.
Signals types:
I = Input
O = Output
Z = High impedance
U = Pull up with 10k ohm
D = Pull down with 10k ohm
S = Schimitt Trigger
A = Analog signal
P = Power
G = Ground
* = Active Low Signal
Table 4:
MDI (Media Dependent Interface) Pins (TX)
Pin Name
Pin #
Type
Description
RXIP_4
RXIP_3
RXIP_2
RXIP_1
RXIP_0
75
74
63
62
51
AI
AI
AI
AI
AI
Receiver Input Positive for both 10BASE-T and 100BASE-TX.
RXIN_4
RXIN_3
RXIN_2
RXIN_1
RXIN_0
76
73
64
61
52
AI
AI
AI
AI
AI
Receiver Input Negative for both 10BASE-T and 100BASE-TX.
TXOP_4
TXOP_3
TXOP_2
TXOP_1
TXOP_0
78
71
66
59
54
AO
AO
AO
AO
AO
Transmitter Output Positive for both 10BASE-T and 100BASE-TX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com