Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGAPAC Datasheet(PDF) 6 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 6 Page - Vicor Corporation

Back Button MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation MEGAPAC Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 6 of 10
03/2016
MegaPAC™ Family
MegaPAC Mechanical Drawings
Note: Newer power supplies have redesigned output studs which are 1/8th inch longer. Design guides available online at vicorpower.com for more details.
14 AWG WIRE
M4 OR #8-32 THREAD MAXIMUM
SCREW PENETRATION .150 (4.00 MM)
INPUTS
DO NOT
WITHOUT
EARTH
GROUND
L2
115/230 VAC
300VDC
L1
47 TO 500 Hz
OPERATE
CLAMPING SCREWS
NUT ZINC PLATED STEEL
WITH OPTIONAL BUSS BARS
1/4 - 20 SERRATED FLANGED
CUSTOMER MOUNTING HOLES (16X)
FROM OUTSIDE SURFACE.
7 SP. @ 0.7285 (18,5)
5.10 (129,5)
FAN
(DIRECTION OF AIR
FLOW OPTIONAL)
6.04 (153,42)
3.37 (85,60)
11.93 (302,90)
2.49 (63,17)
6.75 (171,45)
2.92 (74,17)
0.21 (5,33)
0.25 (6,35)
5.100 (129,54)
0.47 (11,94)
12.24 (310,82)
0.64 (16,31)
0.41 (10,35)
2.77 (70,23)
1.40 (35,56)
0.470 (11,94)
0.729 (18,52)
2.75 (69,85)
6.75 (171,45)
1.458 (37,03)
NOTE: SET SCREW MAXIMUM
TORQUE = 4.4 INCH POUNDS
LABEL NO: 94-00046 REV B
3.275 (83,19)
14 AWG WIRE
INPUTS
DO NOT
WITHOUT
EARTH
GROUND
L2
115/230 VAC
300VDC
L1
47 TO 500 Hz
OPERATE
CLAMPING SCREWS
M4 OR #8-32 THREAD MAXIMUM
FROM OUTSIDE SURFACE.
SCREW PENETRATION 0.150 (4,00)
CUSTOMER MOUNTING HOLES (4X)
1/4 - 20 SERRATED FLANGED
WITH OPTIONAL BUSS BARS
NUT ZINC PLATED STEEL
CUSTOMER MOUNTING HOLES (4X)
M4 OR #8-32 THREAD MAXIMUM
SCREW PENETRATION 0.150 (4,00)
FROM OUTSIDE SURFACE.
FAN
(DIRECTION OF AIR
FLOW OPTIONAL)
6.04 (153,42)
3.37 (85,60)
5.100 (129,54)
0.470 (11,94)
0.210 (5,33)
2.920 (74,17)
15.185 (385,70)
10.010 (254,25)
2.487 (63,18)
15.090 (383,29)
0.250 (6,35)
2.77 (70,23)
1.40 (35,56)
0.470 (11,94)
0.729 (18,52)
= 5.10 (129,5)
7 SP. @ 0.7285 (18,5)
0.41 (10,35)
0.64 (16,32)
3.275 (83,19)
NOTE: SET SCREW MAXIMUM
TORQUE = 4.4 INCH POUNDS
LABEL NO: 94-00046 REV B
PFC MegaPAC™ / PFC MegaPAC-High Power™
PFC MegaPAC-EL™ (Low Noise)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com