Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGAPAC Datasheet(PDF) 7 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 7 Page - Vicor Corporation

Back Button MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation MEGAPAC Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 7 of 10
03/2016
MegaPAC™ Family
MegaPAC Mechanical Drawings
Note: Newer power supplies have redesigned output studs which are 1/8th inch longer. Design guides available online at vicorpower.com for more details.
9.40 (238,8)
1.80 (45,7)
FAN
3.38 (85,8)
0.50 (12,7)
1.19 (30,2)
0.220 (5,6)
9.10 (231,3)
2.920 (74,2)
4.800 (121,8)
6.04 (153,4)
3.52 (89,4)
1.06 (26,9)
J9-5
J9-1
0.45 (11,4)
5.10 (129,5)
0.60 (15,2)
8.78 (223,0)
2.91 (73,9)
1.93 (49,0)
1.40 (35,6)
2.74 (69,6)
0.62 (15,7)
4=SP. @ 0.7285 (18,5)
AIR FLOW
TIGHTEN INNER NUTS
DO NOT LOOSEN OR
0.040 X 0.13 SLOT
STANDARD
TYP.
TYP.
TYP.
45 IN-LBS ±5
(DUAL MOD)
J1B-PIN1
(DUAL MOD)
J1A-PIN1
1
J2B-PIN1
(SAME AS J2)
(SAME AS J2)
J2A-PIN1
R4
R12
(SCALE: NONE)
INPUT LEGEND
OPTION IS SPECIFIED.
WHEN ADJUSTABLE OUTPUT
R4 "TRIMPOT" PRESENT
(MODUPAC MODEL NO.)
AS SHOWN (TYP)
APPROXIMATELY
LABEL LOCATED
AS SHOWN
APPROXIMATELY
LABEL LOCATED
MODUPAC REMOVAL
MODUPACS, 5 PLACES
TO SECURE/REMOVE
#4-40 CAPTIVE SCREWS
J3-PIN1
J2-PIN1
(EXAMPLE)
AIR BLOCK
OPTION AVAILABLE)
(NO "POWER GOOD"
DUAL MODUPAC
-P1
+P1
+P5
-P5 TYP.
SERRATED FLANGED NUTS
1/4 - 20 ZINC PLATED STEEL,
MAXIMUM TORQUE 10 IN-LBS
CLAMPING SCREWS FOR INPUT LEADS,
MAX SCREW PENETRATION - 0.15
M4/#8-32 THDS 16 PLACES
THRU J9-5) FOR #10 AWG INPUT WIRES
0.20 SQ. (5.2 MM) OPENINGS (J9-1
J10 (PIN 1)
L2
S2 L1/N
HERE.
EARTH
JUMPER
230 VAC
AS IS
-OR-
115 VAC
WITH S1-S2
DO NOT
RUN W/O
GROUND
S1
1/4 - 20 ZINC PLATED STEEL,
SERRATED FLANGED NUTS
-P8 TYP.
+P8
+P1
-P1
BUS BARS - FOR
PARALLEL OUTPUTS
BUS BAR - FOR
SERIES OUTPUTS
DUAL MODUPAC
(NO "POWER GOOD"
OPTION AVAILABLE)
AIR BLOCK
(EXAMPLE)
J2-PIN1
J3-PIN1
#4-40 CAPTIVE SCREWS
TO SECURE MODUPACS
10 PLACES
MODUPAC REMOVAL
LABEL LOCATED
APPROXIMATELY
AS SHOWN
LABEL LOCATED
APPROXIMATELY
AS SHOWN (TYP)
(MODUPAC MODEL NO.)
R4 "TRIMPOT" PRESENT
WHEN ADJUSTABLE OUTPUT
OPTION IS SPECIFIED
R12
R4
J2A-PIN1
(SAME AS J2)
(SAME AS J2)
J2B-PIN1
1
J1A-PIN1
(DUAL MOD)
J1B-PIN1
(DUAL MOD)
45 IN-LBS ±5
TYP.
TYP.
TYP.
0.31 X 1.25 AMP
MATES WITH HSG AMP NO.
747547-2 PLUS SLIDE
2
STANDARD AIR FLOW
(OUTER NUT ONLY)
FOR FLAT RIBBON CABLE
AMP NO. 746862-2 PLUG
LATCH OR SIMILAR.
DO NOT LOOSEN OR
TIGHTEN INNER NUTS
9=SP. @ .7285 (18,5)
6.56 (166,6)
1.40 (35,6)
0.25 (6,35)
1.15 (29,2)
0.54 (13,7)
2.068 (52,5)
0.240 (6,1)
(12X) 1/8 X 1/2 SLOTS
1.852 (47,0)
0.560 (14,2)
0.46 (11,7)
.15 MAX. PENETRATION
(16X) M4/#8-32 TAPPED HOLE
0.40 (10,2)
1.852 (47,0)
1.20 (30,5)
7.50 (190,5)
4.00 (101,6)
2.25 (57,2)
6.75 (171,5)
6.75 (171,5)
2.25 (57,2)
1.20 (30,5)
0.65 (16,5)
5.10 (129,5)
1.64 (41,8)
11.95 (303,5)
12.28 (311,9)
4.90 (124,5)
Mini MegaPAC™
4kW MegaPAC™



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com