Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGAPAC Datasheet(PDF) 5 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 5 Page - Vicor Corporation

  MEGAPAC Datasheet HTML 1Page - Vicor Corporation MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 5 of 10
03/2016
MegaPAC™ Family
ConverterPAC™ Overview
n
n
Output voltages from 2 – 95VDC
n
n
Output power up to 600W
n
n
DC OK
n
n
Adjustment ranges from
50% to 110% of nominal
n
n
Autosense / Remote Sense
n
n
Low noise option:10mVP-P or 0.15%,
whichever is greater
n
n
80 – 90% efficiency
n
n
Current source outputs available
MegaPAC Configuration for MegaPAC Family Product
Converters
Module(s) Used
Maximum Output Power
VE-200 and VE-J00 ConverterPACs
ModuPAC™
(M) (RoHS – GM)
1 VE-200 DC-DC Converter
Up to 200W per ConverterPAC
RamPAC™
(R) (RoHS – GR)
1 VE-J00 DC-DC Converter
1 Ripple Attenuator Module (VI-RAM)
Up to 100W for applications requiring low ripple / noise
DualPAC™
(D) (RoHS – GD)
2 VI-J00™ DC-DC Converters
Dual Output; Up to 100W each output
JuniorPAC™
(J) (RoHS – GJ)
1 VI-J00 DC-DC Converter
Up to 100W
BatPAC™
(B) (RoHS – GB)
1 VI-200™ BatMod
A 200W programmable current source that can be
configured as a battery charger
QPAC™ [d]
Low Noise
(L) (RoHS – GL)
1 VI-200 DC-DC Converter
with differential- and common-mode filters
Up to 200W for applications requiring as low as
10mVP-P output noise
JrQPAC™ [d]
Low Noise
(LJ) (RoHS – GLJ)
1 VE-J00 DC-DC Converter
with differential- and common-mode filters
Up to 100W
DualQPAC™ [d]
Low Noise
(LD) (RoHS – GLD)
2 VI-J00 DC-DC Converters
with differential- and common-mode filters
Dual Output; Up to 100W each output
Maxi ConverterPACs
UniPAC™
(XU) (RoHS – GXU)
1 Maxi DC-DC Converter
Up to 500W; Applicable for 3-phase / 4kW product
FinPAC™ [e]
(PZ) (RoHS – GPZ)
1 Maxi DC-DC Converter
Up to 600W; Applicable for PFC MegaPAC High Power
FinQPAC™ [e]
(PZL) (RoHS – GPL)
1 Maxi DC-DC Converter
with discrete output filter
Up to 600W; Applicable for PFC MegaPAC-HPEL
[d] Only for the extended-length MegaPACs
[e] FinPACs and FinQPACs require two (2) slots.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com