Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGAPAC Datasheet(PDF) 9 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 9 Page - Vicor Corporation

Back Button MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation MEGAPAC Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 9 of 10
03/2016
MegaPAC™ Family
Connection Diagrams – Output (Cont.)
ConverterPAC™ Options
[f] FinPACs and FinQPACs require two slots.
[g] Module dependent, 3.3V, 10 – 15V “T” option only.
[h] All QPACs and RamPACs have output ripple of 10mVP-P or 0.15% whichever is greater.
[i] Per slot-based indicator.
QPAC™
JuniorQPAC™
DualQPAC™
FinQPAC™
QPAC (L), JrQPAC (LJ)
TERMINALS- MOLEX P/N: 08-70-1040
HOUSING- MOLEX P/N: 50-37-5073
CRIMP TOOL MOLEX P/N: 63811-5200
MATING HARDWARE
+SENSE
POWER GOOD
SIGNAL GROUND
POWER GOOD INVERTED
VCC IN
2
1
3
P2-PIN1
TRIM
4
5
–SENSE
7
6
OUTPUT ADJUST
P2 REMOTE SENSE TRIM/SC
& POWER GOOD
–VOUT
+VOUT
P2 REMOTE SENSE T
RIM/SC & POWER GOOD
POWER GOOD INVERTED
TRIM
5
3
2
4
1
SIGNAL GROUND
POWER GOOD
VCC IN
7
6
+SENSE
–SENSE
TERMINALS- MOLEX P/N: 08-70-1040
HOUSING- MOLEX P/N: 50-37-5073
CRIMP TOOL MOLEX P/N: 63811-5200
MATING HARDWARE
P2-PIN1
–VOUT
OUTPUT ADJUST
FINPAC
+ VOUT
J1-B-PIN1
(OUTPUT CONNECTORS)
1 AND 4 +VOUT
3
3 +R/SENSE 6 –R/SENSE
1
2
J1-A
TERMINALS- MOLEX P/N: 39-00-0039
HOUSING- MOLEX P/N: 39-01-2060
CRIMP TOOL MOLEX P/N: 11-01-0197
MATING HARDWARE
6
5
4
2 AND 5 –VOUT
DUAL QPAC
POWER GOOD INVERTED
N/C
SIGNAL GROUND
POWER GOOD
VCC IN
TRIM TOP
J1-A-PIN1
3 +R/SENSE 6 –R/SENSE
6
5
4
J1-B
2 AND 5 –VOUT
3
2
(OUTPUT CONNECTORS)
1 AND 4 +VOUT
1
TERMINALS- MOLEX P/N: 39-00-0039
CRIMP TOOL MOLEX P/N: 11-01-0197
HOUSING- MOLEX P/N: 39-01-2060
MATING HARDWARE
TRIM BOT
5
3
2
4
1
7
6
Option
ModuPAC™
(M)
BatPAC™
(B)
DualPAC™
(D)
JuniorPAC™
(J)
RamPAC™
(R)
DualQPAC™
(LD)
QPAC™
(L)
JuniorQPAC™
(LJ)
UniPAC™
(XU)
FinPAC™
(PZ) [f]
FinQPAC™
(PLZ) [f]
D Power Good
OPT
NA
NA
OPT
OPT [i]
OPT [i]
OPT
OPT
OPT
OPT
OPT
T Trim:
+10%/–10%
OPT [g]
NA
OPT
OPT [g]
OPT [g]
NA
OPT [g]
OPT
OPT
OPT
OPT
F Trim:
+10%/–50%
OPT [g]
NA
OPT
OPT [g]
OPT [g]
NA
OPT [g]
OPT
OPT
OPT
OPT
V1 VXI Low Noise
(150mVP-P
15V < VOUT ≤ 24V)
OPT
NA
OPT
OPT
NA [h]
NA [h]
NA [h]
NA [h]
NA
NA
NA [h]
V2 VXI Low Noise
(50mVP-P ≤ 15V)
OPT
NA
OPT
OPT
NA
NA
NA
NA
NA
NA
NA
V3 VXI Low Noise
(1% VOUT > 24V)
OPT
NA
OPT
OPT
NA
NA
NA
NA
NA
NA
NA
Parallelable
STD
STD
NA
NA
NA
NA
STD
NA
STD
STD
STD
Autosense
STD
NA
STD
STD
NA
STD
STD
STD
STD
STD
STD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com