Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGAPAC Datasheet(PDF) 1 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 1 Page - Vicor Corporation

  MEGAPAC Datasheet HTML 1Page - Vicor Corporation MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 1 of 10
03/2016
User- and Field-Configurable Power Supplies
MegaPAC™ Family
AC-DC and DC-DC Switchers
Features & Benefits
• AC inputs available: 85 – 264VAC,
208 / 240VAC 3-Phase
• Power factor corrected
(some models)
• Up to 4kW
• DC inputs available: 100 – 380VDC
• User and field configurable
• Compact sizes as small as
3.4 x 6.0 x 9.5in
[86.4 x 152.4 x 241.3mm]
• Fan cooled
• Efficiency >80%
• Up to 20 regulated outputs
(up to 10 slots) from 1 to 95VDC and above
• Full power to 45°C on most products
• OVP, OTL, OCP on most outputs
• Autosense
• Power fail warning
• Sequencing and general shut down
• Agency approved cTÜVus, CE Marked
• Current Sharing
• Low leakage option available
(some models)
Product Description
The MegaPAC family of products offers four different versions of user configurability
to meet almost any set of input and output requirements. Leveraging Vicor modular
DC-DC converters, MegaPAC family products combine feature-laden front ends with
slide-in output assemblies called ConverterPACs.
User configurability is at the heart of every MegaPAC. A wide variety of the same
length ConverterPACs™ can be installed, exchanged or removed with the turn of just
one screw. This means the MegaPAC can be reconfigured to meet evolving power
requirements. Given its range of configurability, the MegaPAC is appropriate for
virtually any application from prototype through production.
PFC MegaPAC-EL/HPEL
15.6 x 6.0 x 3.4in
[396.2 x 152.4 x 86.4mm]
Up to 2400W at 230VAC
1 – 16 Outputs (8 Slots)
PFC MegaPAC/HP
12.3 x 6.0 x 3.4in
[312.4 x 152.4 x 86.4mm]
Up to 2400W at 230VAC
1 – 16 Outputs (8 Slots)


Similar Part No. - MEGAPAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
ATMEL Corporation
MEGA1280 ATMEL-MEGA1280 Datasheet
4Mb / 28P
Single cycle instructions
MEGA1281 ATMEL-MEGA1281 Datasheet
4Mb / 28P
Single cycle instructions
MEGA1284 ATMEL-MEGA1284 Datasheet
4Mb / 28P
Single cycle instructions
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
More results

Similar Description - MEGAPAC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD9 POWERINT-RD9 Datasheet
109Kb / 4P
User Configurable Input and Output Voltages Flyback Prototyping Board
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS674-01 ICST-ICS674-01 Datasheet
51Kb / 6P
User Configurable Divider
Revision 033199
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
USER CONFIGURABLE DIVIDER
REV H 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com