Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSA1401 Datasheet HTML 2Page - STMicroelectronics TSA1401 Datasheet HTML 3Page - STMicroelectronics TSA1401 Datasheet HTML 4Page - STMicroelectronics TSA1401 Datasheet HTML 5Page - STMicroelectronics TSA1401 Datasheet HTML 6Page - STMicroelectronics TSA1401 Datasheet HTML 7Page - STMicroelectronics TSA1401 Datasheet HTML 8Page - STMicroelectronics TSA1401 Datasheet HTML 9Page - STMicroelectronics TSA1401 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TSA1401
ELECTRICAL CHARACTERISTICS
6/19
External Reference Voltage
Power Consumption
RrefO
Reference output impedance
REFMODE=’0’: int references
18.7
Ω
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VREFP
Forced Top reference voltage
REFMODE=’1’
0.8
1.3
V
VREFM
Bottom reference voltage
0
0.2
V
VINCM
Forced common mode voltage
0.4
1
V
RrefI
Reference input impedance
7.5
k
Ω
Vpol
Analog bias voltage
REFMODE=’1’
1.22
1.27
1.34
V
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICCA
Analog Supply current
REFMODE=’0’
REFMODE=’1’
40
30
37
mA
ICCD
Digital Supply Current
595
700
µA
ICCBI
Digital Buffer Supply Current
1
1.5
mA
ICCBE
Digital Buffer Supply Current
2.3
6
mA
ICCBEZ
Digital Buffer Supply Current in High
Impedance Mode
10
150
µA
Pd
Power consumption in normal opera-
tion mode
REFMODE=’0’
REFMODE=’1’
110
851
110
mW
PdZ
Power consumption in High Imped-
ance mode
REFMODE=’0’
REFMODE=’1’
104
791
96
mW
Rthja
Thermal resistance (TQFP48)
80
°C/W
1)
Typical values have been measured using the evaluation board on a dedicated test bench.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com