Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 1 Page - STMicroelectronics

  TSA1401 Datasheet HTML 1Page - STMicroelectronics TSA1401 Datasheet HTML 2Page - STMicroelectronics TSA1401 Datasheet HTML 3Page - STMicroelectronics TSA1401 Datasheet HTML 4Page - STMicroelectronics TSA1401 Datasheet HTML 5Page - STMicroelectronics TSA1401 Datasheet HTML 6Page - STMicroelectronics TSA1401 Datasheet HTML 7Page - STMicroelectronics TSA1401 Datasheet HTML 8Page - STMicroelectronics TSA1401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
FEATURES
s
OPTIMWATTTM features 1
l Ultra
low power consumption: 85mW at
20Msps (using external references).
l Adjustable consumption versus speed.
s
Single supply voltage: 2.5V
s
Digital I/O supply voltage: 2.5V/3.3V com-
patible
s
-90.5dBc SFDR and 73.1dBc SNR at
Fin=10MHz when using external refer-
ences (VINpp=2.5V)
s
Differential analog input-driving
s
Built-in reference voltage with external
bias capabilities
s
Digital output high impedance mode
1) OPTIMWATT(TM) is a ST deposited trademark for products features allowing
optimization of power efficiency at chip/application level.
DESCRIPTION
The TSA1401 is a 14-bit, 20MHz sampling
frequency Analog to Digital Converter using deep
submicron CMOS technology combining high
performances
with
very
low
power
consumption.The TSA1401 is based on a pipeline
structure with digital error correction to provide
excellent
static
linearity
and
dynamic
performances.
Typically designed for multi-channel applications
and high-end imaging equipment, where low
consumption is a must, the TSA1401 only
dissipates 85mW at 20Msps when using external
references, 110mW using internal references. Its
power consumption adapts relative to sampling
frequency. Differential signals are applied on the
inputs for optimum performance. The TSA1401
reaches an SFDR of -90.5dBc and an SNR of
73.1dBc at Fin=10MHz when increasing the input
dynamic range to 2.5V by using the voltage
reference, TS431 (1.24V).
A tri-state capability is available on the output
buffers, enabling a Chip Select.The TSA1401 is
available in the industrial temperature range of -
40°C to +85°C and in a small 48-lead TQFP
package.
APPLICATIONS
s
High-end infra-red imaging
s
X-Ray medical imaging
s
High-end CCD cameras
s
Scanners and digital copiers
s
Test instrumentation
s
Wireless communication
ORDER CODES
PIN CONNECTIONS (top view)
PACKAGE
Part Number
Temperature
Range
Package
Conditioning
Marking
TSA1401IF
-40°C to +85°C
TQFP48
Tray
SA1401
TSA1401IFT
-40°C to +85°C
TQFP48
Tape & Reel
SA1401
EVAL1401/AB
Evaluation board
index
corner
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13 14 15 16 17 18 19 20 21 22
47
25
33
12
23 24
35
34
36
48
44 43 42 41 40 39 38 37
46 45
TSA1401
VREFM
VREFP
VINB
AGND
AGND
AGND
VIN
AVCC
AVCC
AGND
IPOL
INCM
D1
D2
D3
D4
D5
D6
D7
D8
D11
D9
D10
D12
index
corner
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13 14 15 16 17 18 19 20 21 22
47
25
33
12
23 24
35
34
36
48
44 43 42 41 40 39 38 37
46 45
TSA1401
VREFM
VREFP
VINB
AGND
AGND
AGND
VIN
AVCC
AVCC
AGND
IPOL
INCM
D1
D2
D3
D4
D5
D6
D7
D8
D11
D9
D10
D12
7 x 7 mm TQFP48
TSA1401
14-BIT, 20MSPS, 85mW A/D CONVERTER
1/19
December 2003


Similar Part No. - TSA1401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA14 ETC1-TSA14 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Littelfuse
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
logo
Taiwan Semiconductor Co...
TSA144C TSC-TSA144C Datasheet
138Kb / 4P
PNP Digital Transistor
TSA144CCU TSC-TSA144CCU Datasheet
138Kb / 4P
PNP Digital Transistor
TSA144CCX TSC-TSA144CCX Datasheet
138Kb / 4P
PNP Digital Transistor
More results

Similar Description - TSA1401

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
10-bit 20MSPS A/D Converter
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
10-bit 20MSPS Video A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
14-Bit, 20MSPS, 150 mW A/D Converter
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401 Datasheet
453Kb / 29P
Rad-hard 14-bit 20Msps 85mW A/D converter
29-Oct-2007
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com