Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSA1401 Datasheet HTML 11Page - STMicroelectronics TSA1401 Datasheet HTML 12Page - STMicroelectronics TSA1401 Datasheet HTML 13Page - STMicroelectronics TSA1401 Datasheet HTML 14Page - STMicroelectronics TSA1401 Datasheet HTML 15Page - STMicroelectronics TSA1401 Datasheet HTML 16Page - STMicroelectronics TSA1401 Datasheet HTML 17Page - STMicroelectronics TSA1401 Datasheet HTML 18Page - STMicroelectronics TSA1401 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
TSA1401
APPLICATION INFORMATION
18/19
Printed circuit board - List of components
Re fe re n c e
P a rt
PC B F ootpr in t
B1,B 2,B 3
C A LE D E P L A C EM EN T
C ALE_M P G
C 1 ,C 4 ,C 1 0,C 1 3 ,C 1 6,C 2 2 ,
470 nF
S M /C _0 60 3
C2 6 ,C3 0 ,C3 4
C2 ,C 5 ,C1 1 ,C1 4 ,C1 7 ,C2 3 ,
1 0 n F
SM /C _ 0 6 0 3
C2 7 ,C3 1 ,C3 5 ,C3 7
C 3 ,C 6 ,C 1 2,C 1 5 ,C 1 8,C 2 4 ,
330 pF
S M /C _0 60 3
C2 8 ,C3 2 ,C3 6
C 7 ,C 8,C 9 ,C 19,C 2 0 ,C 21,C 2 5 ,
1 0 0 µ F 1 6 V
C A P A /P O L /5 .0 8
C2 9 ,C3 3
C 3 8
0 p F
S M /C _0 60 3
J 1 ,J 2 ,J 3 ,J 4 ,J 5 ,J 6 ,J 7
SM B
S M B _ T RA NCHE
J 8 ,J 9 ,J 1 0
S M A
S M A _ TRA NCHE
P T 1 ,PT 2 ,PT 3 ,PT 4 ,PT 5,PT 6,
pic o t
P IC O T /2pts
PT 7,PT 8,P T 9,P T 10,PT 11 ,
PT 12 ,P T 1 3,PT 14 ,P T 1 5
R1 ,R 2 ,R3 ,R 4 ,R5 ,R 6 ,R7 ,R 8 ,
1 0 0
S M /R_ 0 6 0 3
R1 1 ,R1 3 ,R1 5 ,R1 6 ,R1 7 ,R1 9 ,
R2 0
R9
2 0 0 K
R_ V A RIA B L E
R1 0 ,R1 4 ,R1 8
4 9 .9
S M /R_ 0 6 0 3
R1 2
1 K
S M /R_ 0 6 0 3
S W 1 ,S W 2
m ic ro s w itc h 1
in v e rs e u r
T P 1,T P 2,T P 3
p ic ot
picot/1 p ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com