Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 3 Page - STMicroelectronics

  TSA1401 Datasheet HTML 1Page - STMicroelectronics TSA1401 Datasheet HTML 2Page - STMicroelectronics TSA1401 Datasheet HTML 3Page - STMicroelectronics TSA1401 Datasheet HTML 4Page - STMicroelectronics TSA1401 Datasheet HTML 5Page - STMicroelectronics TSA1401 Datasheet HTML 6Page - STMicroelectronics TSA1401 Datasheet HTML 7Page - STMicroelectronics TSA1401 Datasheet HTML 8Page - STMicroelectronics TSA1401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
TSA1401
3/19
PIN DESCRIPTIONS
Pin Name
I/O
No
Pin Description
IPOL
I
1
Analog bias current input - adjusts polarization current versus Fs.
VREFP
I/O
2
Top Reference Voltage - may be used as a voltage generator output or used as an
input to adjust the input dynamic range (VIN-VINB=2x(VREFP-VREFM)).
VREFM
I
3
Bottom Reference Voltage. Usually connected to GND (see AN p12 for details)
AGND
I
4, 6, 8, 10, 48 Analog ground.
VIN
I
5
Positive Analog input.
VINB
I
7
Negative Analog Input.
INCM
I/O
9
Internal Common Mode - may be used as a voltage generator output for input sig-
nal common mode or used as an input to force the internal common mode (see AN
p12 for more details).
AVCC
I
11, 12, 46, 47 Analog Power Supply (2.5V).
DVCC
I
13, 14
Digital Power Supply (2.5V) (Clock).
DGND
I
15, 17,19
Digital Ground (Clock).
CLK
I
16
CMOS Clock Input.
NC
NA
18, 42
Non Connected Pin.
GNDBI
I
20
Digital Ground (Internal Buffer).
GNDBE
I
21,40
Digital Ground (External Buffer).
VCCBE
I
22, 39
Digital Power Supply (External Buffer, 2.5V/3.3V).
OR
O
23
Over Range Indicator, if D0-D13=’1’ or ‘0’, OR=’1’.
D13(MSB)-
D0(LSB)
O
24-37
Data CMOS Outputs (2.5V/3.3V).
DR
O
38
Data Ready Signal (2.5V/3.3V).
VCCBI
I
41
Digital Power Supply (Internal Buffers 2.5V).
REFMODE
I
43
REFMODE=’VIL’, internal references active.
REFMODE=‘VIH’, external references must be applied.
OEB
I
44
Output Enable Input. If OEB=’VIH’ then D0-D13 in ‘High Z’ state.
DFSB
I
45
Data Format Select Input - If DFSB=’VIH’ then D13 is standard binary output cod-
ing; if DFSB=’VIL’ then D13 is two’s complemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com