Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 4 Page - STMicroelectronics

  TSA1401 Datasheet HTML 1Page - STMicroelectronics TSA1401 Datasheet HTML 2Page - STMicroelectronics TSA1401 Datasheet HTML 3Page - STMicroelectronics TSA1401 Datasheet HTML 4Page - STMicroelectronics TSA1401 Datasheet HTML 5Page - STMicroelectronics TSA1401 Datasheet HTML 6Page - STMicroelectronics TSA1401 Datasheet HTML 7Page - STMicroelectronics TSA1401 Datasheet HTML 8Page - STMicroelectronics TSA1401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TSA1401
ELECTRICAL CHARACTERISTICS
4/19
2
ELECTRICAL CHARACTERISTICS
AVCC = DVCC = VCCBI =VCCBE = 2.5V, Fs= 20MHz, Fin= 10MHz, VIN-VINB@ -1.0dBFS, VREFM=
0V, VREFP=1V, INCM=0.5V (external references), Tamb = 25°C (unless otherwise specified)
Timing Characteristics
Timing Diagram
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FS
Sampling Frequency
0.5
20
MHz
DC
Clock Duty Cycle
50
%
TC1
Clock pulse width (high)
25
ns
TC2
Clock pulse width (low)
25
ns
Tod
Data Output Delay (Fall of Clock
to Data Valid)
10pF load capacitance
6
7.5
11
ns
Tpd
Data Pipeline delay
8.5
cycles
Ton
Falling edge of OEB to digital
output valid data
1ns
Toff
Rising edge of OEB to digital
output tri-state
1ns
N-1
N
N+1
N+6
N+7
N+2
N+5
N+3
N+4
N+8
N-3
N-1
N-4
N-5
N-6
N-7
N-8
CLK
OEB
DR
Tod
Ton
Toff
8.5 clk cycles
HZ state
N
DATA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com