Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 28Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 29Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 30Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 31Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 32Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 29 of 34
June 27, 2012
SPI Memory Map
ADDR.
(Hex)
PARAMETER NAME
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
DEF. VALUE
(HEX)
00
Port_config
SDO Active
LSB First
Soft Reset
Mirror (bit5) Mirror (bit6) Mirror (bit7)
00h
01
Reserved
Reserved
02
Burst_end
Burst end address [7:0]
00h
03-07
Reserved
Reserved
08
Chip_id
Chip ID #
Read only
09
Chip_version
Chip Version #
Read only
0A-0F
Reserved
Reserved
10-1F
Reserved
Reserved
20
Offset_coarse_adc0
Coarse Offset
cal. value
21
Offset_fine_adc0
Fine Offset
cal. value
22
Gain_coarse_adc0
Reserved
Coarse Gain
cal. value
23
Gain_medium_adc0
Medium Gain
cal. value
24
Gain_fine_adc0
Fine Gain
cal. value
25
Modes_adc0
Reserved
Power Down Mode ADC0 [2:0]
000 = Pin Control
001 = Normal Operation
010 = Nap
100 = Sleep
Other codes = Reserved
00h
NOTresetbySoft
Reset
26
Offset_coarse_adc1
Coarse Offset
cal. value
27
Offset_fine_adc1
Fine Offset
cal. value
28
Gain_coarse_adc1
Reserved
Coarse Gain
cal. value
29
Gain_medium_adc1
Medium Gain
cal. value
2A
Gain_fine_adc1
Fine Gain
cal. value
2B
Modes_adc1
Reserved
Power Down Mode ADC1 [2:0]
000 = Pin Control
001 = Normal Operation
010 = Nap
100 = Sleep
Other codes = Reserved
00h
NOTresetbySoft
Reset
2C-2F
Reserved
Reserved
33-4A
Reserved
Reserved
4B
Reserved
Reserved
Read only
4C
Reserved
Reserved
Read only
4D
Reserved
Enable
PD
Reset
Divider [2:0]
Select
00h
4E-6F
Reserved
Reserved
70
Skew_diff
Differential Skew
80h
71
Phase_slip
Reserved
Next Clock
Edge
00h
72
Clock_divide
Clock Divide [2:0]
000 = Pin Control
001 = divide by 1
010 = divide by 2
100 = divide by 4
Other codes = Reserved
00h
NOTresetbySoft
Reset
73
Output_mode_A
Output Mode [7:5]
000 = LVDS 3mA (Default)
001 = LVDS 2mA
100 = LVCMOS
Other codes = Reserved
Output Format [2:0]
000 = Two’s Complement (Default)
010 = Gray Code
100 = Offset Binary
Other codes = Reserved
00h
NOTresetbySoft
Reset
74
Output_mode_B
DLL Range
0 = Fast
1 = Slow
Default=’0’
DDR Enable
00h
NOTresetbySoft
Reset
75-B5
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com