Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 20 of 34
June 27, 2012
Analog Input
A single fully differential input (VINP/VINN) connects to the
sample and hold amplifier (SHA) of each unit A/D. The ideal
full-scale input voltage is 2.0V, centered at the VCM voltage of
0.94V as shown in Figure 27.
Best performance is obtained when the analog inputs are driven
differentially. The common-mode output voltage, VCM, should be
used to properly bias the inputs as shown in Figures 28 through
30. An RF transformer will give the best noise and distortion
performance for wideband and/or high intermediate frequency
(IF) inputs. Two different transformer input schemes are shown in
Figures 28 and 29.
This dual transformer scheme is used to improve common-mode
rejection, which keeps the common-mode level of the input
matched to VCM. The value of the shunt resistor should be
determined based on the desired load impedance. The
differential input resistance of the ISLA214P12 is 600
.
The SHA design uses a switched capacitor input stage (see
Figure 43), which creates current spikes when the sampling
capacitance is reconnected to the input voltage. This causes a
disturbance at the input which must settle before the next
sampling point. Lower source impedance will result in faster
settling and improved performance. Therefore a 2:1 or 1:1
transformer and low shunt resistance are recommended for
optimal performance.
A differential amplifier, as shown in the simplified block diagram
in Figure 30, can be used in applications that require
DC-coupling. In this configuration, the amplifier will typically
dominate the achievable SNR and distortion performance.
Intersil’s new ISL552xx differential amplifier family can also be
used in certain AC applications with minimal performance
degradation. Contact the factory for more information.
Clock Input
The clock input circuit is a differential pair (see Figure 44).
Driving these inputs with a high level (up to 1.8VP-P on each
input) sine or square wave will provide the lowest jitter
performance. A transformer with 4:1 impedance ratio will
provide increased drive levels. The clock input is functional with
AC-coupled LVDS, LVPECL, and CML drive levels. To maintain the
lowest possible aperture jitter, it is recommended to have high
slew rate at the zero crossing of the differential clock input
signal.
The recommended drive circuit is shown in Figure 31. A duty
range of 40% to 60% is acceptable. The clock can be driven
single-ended, but this will reduce the edge rate and may impact
SNR performance. The clock inputs are internally self-biased to
AVDD/2 to facilitate AC coupling.
A selectable 2x or 4x frequency divider is provided in series with
the clock input. The divider can be used in the 2x mode with a
sample clock equal to twice the desired sample rate or in 4x
mode with a sample clock equal to four times the desired
sample rate. This allows the use of the Phase Slip feature, which
enables synchronization of multiple ADCs. The Phase Slip feature
can be used as an alternative to using the CLKDIVRST pins to
synchronize ADCs in a multiple ADC system.
FIGURE 27. ANALOG INPUT RANGE
1.0
1.8
0.6
0.2
1.4
VINP
VINN
VCM
0.94V
1.0V
FIGURE 28. TRANSFORMER INPUT FOR GENERAL PURPOSE
APPLICATIONS
ADT1-1WT
0.1µF
A/D
VCM
ADT1-1WT
1000pF
FIGURE 29. TRANSMISSION-LINE TRANSFORMER INPUT FOR
HIGH IF APPLICATIONS
A / D
VCM
1000pF
1000pF
TX-2-5-1
ADTL1-12
FIGURE 30. DIFFERENTIAL AMPLIFIER INPUT
A/D
FIGURE 31. RECOMMENDED CLOCK DRIVE
TC4-19G2+
1000pF
1000pF
CLKP
CLKN
0.01µF
200
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com