Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  KMB-001LEVALZ Datasheet HTML 1Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 3 of 34
June 27, 2012
Pin Descriptions - 72 Ld QFN, LVDS Mode
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION
DDR MODE COMMENTS
1, 2, 16, 17
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71,
72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
28
D13N
LVDS Bit 13(MSB) Output Complement
NC in DDR Mode
29
D13P
LVDS Bit 13 (MSB) Output True
NC in DDR Mode
30
D12N
LVDS Bit 12 Output Complement
DDR Logical Bits 12, 13
31
D12P
LVDS Bit 12 Output True
DDR Logical Bits 12, 13
33
D11N
LVDS Bit 11 Output Complement
NC in DDR Mode
34
D11P
LVDS Bit 11 Output True
NC in DDR Mode
35
D10N
LVDS Bit 10 Output Complement
DDR Logical Bits 10, 11
36
D10P
LVDS Bit 10 Output True
DDR Logical Bits 10, 11
37
D9N
LVDS Bit 9 Output Complement
NC in DDR Mode
38
D9P
LVDS Bit 9 Output True
NC in DDR Mode
39
D8N
LVDS Bit 8 Output Complement
DDR Logical Bits 8, 9
40
D8P
LVDS Bit 8 Output True
DDR Logical Bits 8, 9
41
D7N
LVDS Bit 7 Output Complement
NC in DDR Mode
42
D7P
LVDS Bit 7 Output True
NC in DDR Mode
43
D6N
LVDS Bit 6 Output Complement
DDR Logical Bits 6, 7
44
D6P
LVDS Bit 6 Output True
DDR Logical Bits 6, 7
46
RLVDS
LVDS Bias Resistor (Connect to OVSS with 1% 10k
)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
49
D5N
LVDS Bit 5 Output Complement
NC in DDR Mode
50
D5P
LVDS Bit 5 Output True
NC in DDR Mode
51
D4N
LVDS Bit 4 Output Complement
DDR Logical Bits 4, 5
52
D4P
LVDS Bit 4 Output True
DDR Logical Bits 4, 5
53
D3N
LVDS Bit 3 Output Complement
NC in DDR Mode
54
D3P
LVDS Bit 3 Output True
NC in DDR Mode
55
D2N
LVDS Bit 2 Output Complement
DDR Logical Bits 2, 3
56
D2P
LVDS Bit 2 Output True
DDR Logical Bits 2, 3
57
D1N
LVDS Bit 1 Output Complement
NC in DDR Mode
58
D1P
LVDS Bit 1 True
NC in DDR Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com