Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 2Page - Renesas Technology Corp X9110 Datasheet HTML 3Page - Renesas Technology Corp X9110 Datasheet HTML 4Page - Renesas Technology Corp X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 6 of 18
October 28, 2016
TABLE 5. INSTRUCTION BYTE FORMAT
Device Instructions
Identification Byte (ID and A)
The first byte sent to the X9110 from the host, following a CS
going HIGH to LOW, is called the Identification byte. The most
significant four bits of the slave address are a device type
identifier. The ID[3:0] bits is the device ID for the X9110; this is
fixed as 0101[B] (refer to Table 4).
The A0 bit in the ID byte is the internal slave address. The physical
device address is defined by the state of the A0 input pin. The slave
address is externally specified by the user. The X9110 compares
the serial data stream with the address input state; a successful
compare of the address bit is required for the X9110 to
successfully continue the command sequence. Only the device
whose slave address matches the incoming device address sent
by the master executes the instruction. The A0 input can be
actively driven by CMOS input signals or tied to VCC or VSS. The
R/W bit is used to set the device to either read or write mode.
Instruction Byte and Register Selection
The next byte sent to the X9110 contains the instruction and
register pointer information. The three most significant bits are
used provide the instruction opcode (I[2:0]). The RB and RA bits
point to one of the four registers. The format is shown in Table 5.
Five of the seven instructions are four bytes in length. These
instructions are:
1. Read Wiper Counter Register – This register reads the current
wiper position of the selected pot.
2. Write Wiper Counter Register – This register changes current
wiper position of the selected pot.
3. Read Data Register – This register reads the contents of the
selected data register.
4. Write Data Register – This register writes a new value to the
selected data register.
5. Read Status – This command returns the contents of the WIP
bit, which indicates if the internal write cycle is in progress.
The basic sequence of the four byte instructions is illustrated in
Figure 5 on page 7. These four-byte instructions exchange data
between the WCR and one of the Data Registers. A transfer from
a Data Register to a WCR is essentially a write to a static RAM,
with the static RAM controlling the wiper position. The response
of the wiper to this action will be delayed by tWRL. A transfer
from the WCR (current wiper position), to a Data Register is a
write to nonvolatile memory and takes a minimum of tWR to
complete. The transfer can occur between the potentiometer and
one of its associated registers. The Read Status Register
instruction is the only unique format (see Figure 6 on page 7).
Two instructions require a two-byte sequence to complete (see
Figure 4 on page 7). These instructions transfer data between
the host and the X9110; either between the host and one of the
Data Registers or directly between the host and the Wiper
Counter Register. These instructions are:
1. XFR Data Register to Wiper Counter Register – This register
transfers the content of one specified Data Register to the
associated Wiper Counter Register.
2. XFR Wiper Counter Register to Data Register – This register
transfers the content of the specified Wiper Counter Register
to the specified associated Data Register.
See “Instruction Format” on page 8 for more details.
Write in Process (WIP bit)
The content of the Data Registers are saved to nonvolatile
memory when the CS pin goes from LOW to HIGH after a
complete write sequence is received by the device. The progress
of this internal write operation can be monitored by a Write In
Process (WIP) bit. The WIP bit is read with a Read Status
command (see Figure 6).
Power-Up and Power-Down Requirements
At all times, the V+ voltage must be greater than or equal to the
voltage at RH or RL, and the voltage at RH or RL must be greater
than or equal to the voltage at V-. During power-up and
power-down, VCC, V+, and V- must reach their final values within
1ms of each other.
I2
I1
I0
0
RB
RA
0
0
(MSB)
(LSB)
INSTRUCTION
OPCODE
REGISTER
SELECTION
RB
RA
REGISTER
0
0
1
1
0
1
0
1
DR0
DR1
DR2
DR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com