Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 4Page - Renesas Technology Corp X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 8 of 18
October 28, 2016
Instruction Format
TABLE 6. INSTRUCTION SET
INSTRUCTION
INSTRUCTION SET
OPERATION
R/W
I2
I1
I0
0RB
RA
0
0
Read Wiper Counter
Register
11
00
00
00
0
Read the contents of the Wiper Counter
Register
Write Wiper Counter
Register
01
01
00
00
0
Write new value to the Wiper Counter
Register
Read Data Register
1
1
0
1
0
1/0
1/0
0
0
Read the contents of the Data Register
pointed to RB-RA
Write Data Register
0
1
1
0
0
1/0
1/0
0
0
Write new value to the Data Register pointed
to RB-RA
XFR Data Register to
Wiper Counter Register
1
1
1
0
0
1/0
1/0
0
0
Transfer the contents of the Data Register
pointed to by RB-RA to the Wiper Counter
Register
XFR Wiper Counter
Register to Data Register
0
1
1
1
0
1/0
1/0
0
0
Transfer the contents of the Wiper Counter
Register to the Data Register pointed to by
RB-RA
Read Status (WIP bit)
10
10
00
00
1
Read the status of the internal write cycle, by
checking the WIP bit (read status register).
NOTE: 1/0 = data is one or zero
Read Wiper Counter Register (WCR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Wiper Position
(Sent by X9110 on SO)
Wiper Position
(sent by X9110 on SO)
CS
Rising
Edge
010100 A0
10000000 XXXXXX W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
Write Wiper Counter Register (WCR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Wiper Position
(Sent by Master on SI)
Wiper Position
(Sent by Master on SI)
CS
Rising
Edge
010100 A0
10100000 XXXXXX W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
Read Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Wiper Position
(Sent by X9110 on SO)
Wiper Position
(sent by X9110 on SO)
CS
Rising
Edge
010100 A0
1010 RB RA 00 XXXXXX W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com