Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp X9110 Datasheet HTML 13Page - Renesas Technology Corp X9110 Datasheet HTML 14Page - Renesas Technology Corp X9110 Datasheet HTML 15Page - Renesas Technology Corp X9110 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 12 of 18
October 28, 2016
Equivalent A.C. Load Circuit
5V
1462Ω
100pF
SO
RH
10pF
CL
CL
RW
RTOTAL
CW
25pF
10pF
RL
SPICE MACRO MODEL
2714Ω
2.7V
1382Ω
100pF
SO
1217Ω
AC Timing
SYMBOL
PARAMETER
MIN
MAX
UNIT
fSCK
SSI/SPI Clock Frequency
2.5
MHz
tCYC
SSI/SPI Clock Cycle Time
400
ns
tWH
SSI/SPI Clock High Time
150
ns
tWL
SSI/SPI Clock Low Time
150
ns
tLEAD
Lead Time
150
ns
tLAG
Lag Time
150
ns
tSU
SI, SCK, HOLD and CS Input Set-Up Time
50
ns
tH
SI, SCK, HOLD and CS Input Hold Time
50
ns
tRI
SI, SCK, HOLD and CS Input Rise Time
50
ns
tFI
SI, SCK, HOLD and CS Input Fall Time
50
ns
tDIS
SO Output Disable Time
0
500
ns
tV
SO Output Valid Time
100
ns
tHO
SO Output Hold Time
0
ns
tRO
SO Output Rise Time
50
ns
tFO
SO Output Fall Time
50
ns
tHOLD
HOLD Time
400
ns
tHSU
HOLD Set-Up Time
50
ns
tHH
HOLD Hold Time
50
ns
tHZ
HOLD Low to Output in High Z
100
ns
tLZ
HOLD High to Output in Low Z
100
ns
TI
Noise Suppression Time Constant at SI, SCK, HOLD and CS Inputs
20
ns
tCS
CS Deselect Time
100
ns
tWPASU
WP, A0 Set-Up Time
0
ns
tWPAH
WP, A0 Hold Time
0
ns
High-Voltage Write Cycle Timing
SYMBOL
PARAMETER
TYP
MAX
UNIT
tWR
High-Voltage Write Cycle Time (store instructions)
5
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com