Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp X9110 Datasheet HTML 13Page - Renesas Technology Corp X9110 Datasheet HTML 14Page - Renesas Technology Corp X9110 Datasheet HTML 15Page - Renesas Technology Corp X9110 Datasheet HTML 16Page - Renesas Technology Corp X9110 Datasheet HTML 17Page - Renesas Technology Corp X9110 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
FN8158 Rev 5.00
Page 17 of 18
October 28, 2016
X9110
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2016. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History The revision history provided is for informational purposes only and is believed to be accurate, however, not
warranted. Please visit our website to make sure that you have the latest revision.
DATE
REVISION
CHANGE
October 28, 2016
FN8158.5
Added Related Literature section on page 1.
Updated fSCK maximum specification on page 12.
August 3, 2016
FN8158.4
Updated entire datasheet applying Intersil’s new standards.
Updated Note 1 and added Note 3.
Changed the maximum limit for parameter Vcc Current (standby) ISB from 3µA to 5µA on page 11.
Added Revision History and About Intersil sections.
Updated POD to latest revision changes are as follows:
Updated drawing to remove table and added land pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com