Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp X9110 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 9 of 18
October 28, 2016
Write Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Address
Wiper Position or Data
(Sent by Master on SI)
Wiper Position or Data
(Sent by Master on SI)
CS
Rising
Edge
010100 A0
1 1 0 0 RB RA 0 0X XXXXX W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
Transfer Data Register (DR) to Wiper Counter Register (WCR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Address
CS
Rising
Edge
010100 A0
110
0 RB RA 0
0
Transfer Wiper Counter Register (WCR) to Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Address
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
01
0100 A0
1
1
1
0
RB
RA
0
0
Read Status Register (SR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Status Data
(Sent by Slave on SO)
Status Data
(Sent by Slave on SO)
CS
Rising
Edge
010
100 A0
0
1
0
X
0
0
0
1
XXXX
XXXX
0000
000 WIP
NOTES:
4. “A0”: stands for the device address sent by the master.
5. WCRx refers to wiper position data in the Wiper Counter Register
6. “X”: Do not care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com