Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9521 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp X9521 Datasheet HTML 10Page - Renesas Technology Corp X9521 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 7 of 24
September 21, 2010
If WT is “0” then a DCP Volatile Write is performed. This
operation changes the DCP “wiper position” by writing new
data to the associated WCR only. The contents of the
associated NVM register remains unchanged. Therefore,
when Vcc to the device is powered down then back up, the
“wiper position” reverts to that last written to the DCP using
a nonvolatile write operation.
DCP Write Operation
A write to DCPx (x = 1,2) can be performed using the three
byte command sequence shown in Figure 9.
In order to perform a write operation on a particular DCP,
the Write Enable Latch (WEL) bit of the CONSTAT Regis-
ter must first be set (See “BL1, BL0: Block Lock protection
bits - (Nonvolatile)” on page 12.)
The Slave Address Byte 10101110 specifies that a Write to
a DCP is to be conducted. An ACKNOWLEDGE is
returned by the X9521 after the Slave Address, if it has
been received correctly.
Next, an Instruction Byte is issued on SDA. Bits P1 and P0
of the Instruction Byte determine which WCR is to be writ-
ten, while the WT bit determines if the Write is to be volatile
or nonvolatile. If the Instruction Byte format is valid, another
ACKNOWLEDGE is then returned by the X9521.
Following the Instruction Byte, a Data Byte is issued to the
X9521 over SDA. The Data Byte contents is latched into
the WCR of the DCP on the first rising edge of the clock
signal, after the LSB of the Data Byte (D0) has been issued
on SDA (See Figure 25).
The Data Byte determines the “wiper position” (which FET
switch of the DCP resistive array is switched ON) of the
DCP. The maximum value for the Data Byte depends upon
which DCP is being addressed (see Table below).
Using a Data Byte larger than the values specified above
results in the “wiper terminal” being set to the highest tap
position. The “wiper position” does NOT roll-over to the
lowest tap position.
For DCP2 (256 Tap), the Data Byte maps one to one to the
“wiper position” of the DCP “wiper terminal”. Therefore, the
Data Byte 00001111 (1510) corresponds to setting the
“wiper terminal” to tap position 15. Similarly, the Data Byte
00011100 (2810) corresponds to setting the “wiper termi-
nal” to tap position 28. The mapping of the Data Byte to
“wiper position” data for DCP1 (100 Tap), is shown in
“APPENDIX 1” . An example of a simple C language func-
tion which “translates” between the tap position (decimal)
and the Data Byte (binary) for DCP1, is given in “APPEN-
DIX 2” .
It should be noted that all writes to any DCP of the X9521
are random in nature. Therefore, the Data Byte of consecu-
tive write operations to any DCP can differ by an arbitrary
WT†
Description
0
Select a Volatile Write operation to be performed
on the DCP pointed to by bits P1 and P0
1
Select a Nonvolatile Write operation to be per-
formed on the DCP pointed to by bits P1 and P0
0
0
WT
0
0
0
P1
P0
WRITE TYPE
DCP SELECT
†
This bit has no effect when a Read operation is being performed.
I5
I6
I7
I4
I3
I2
I1
I0
Figure 8.
Instruction Byte Format
S
T
A
R
T
101
01110
A
C
K
WT
0
0
0
0
0
P1 P0 A
C
K
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
SLAVE ADDRESS BYTE
INSTRUCTION BYTE
DATA BYTE
Figure 9.
DCP Write Command Sequence
P1 - P0
DCPx
# Taps
Max. Data Byte
00
Reserved
0
1
x = 1
100
Refer to Appendix 1
1
0
x = 2
256
FFh
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com