Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9521 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button X9521 Datasheet HTML 16Page - Renesas Technology Corp X9521 Datasheet HTML 17Page - Renesas Technology Corp X9521 Datasheet HTML 18Page - Renesas Technology Corp X9521 Datasheet HTML 19Page - Renesas Technology Corp X9521 Datasheet HTML 20Page - Renesas Technology Corp X9521 Datasheet HTML 21Page - Renesas Technology Corp X9521 Datasheet HTML 22Page - Renesas Technology Corp X9521 Datasheet HTML 23Page - Renesas Technology Corp X9521 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 20 of 24
September 21, 2010
POTENTIOMETER CHARACTERISTICS
Notes: 1. Power Rating between the wiper terminal RWX(n) and the end terminals RHX or RLX - for ANY tap position n, (x = 1,2).
Notes: 2.Absolute Linearity is utilized to determine actual wiper resistance versus, expected resistance = (Rwx(n)(actual) - Rwx(n)(expected)) = ±1
Ml Maximum (x = 1,2).
Notes: 3.Relative Linearity is a measure of the error in step size between taps = RWx(n + 1) - [Rwx(n) + Ml] = ±1 Ml (x = 0,1,2)
Notes: 4.1 Ml = Minimum Increment = RTOT / (Number of taps in DCP - 1).
Notes: 5.Typical values are for TA = 25°C and nominal supply voltage.
Notes: 6.This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
RTOL
End to End Resistance Tolerance
-20
+20
%
VRHx
RH Terminal Voltage (x = 1,2)
Vss
VCC
V
VRLx
RL Terminal Voltage (x = 1,2)
Vss
VCC
V
PR
Power Rating (1)(6)
10
mW
RTOTAL = 10kDCP1)
5mW
RTOTAL = 100kDCP2)
RW
DCP Wiper Resistance
200
400
IW = 1mA, VCC = 5 V,
VRHx = Vcc, VRLx = Vss
(x = 1,2).
400
1200
IW = 1mA, VCC = 2.7 V,
VRHx = Vcc, VRLx = Vss
(x = 1,2)
IW
Wiper Current (6)
4.4
mA
Noise
mV/
sqt(Hz)
RTOTAL = 10k DCP1)
mV/
sqt(Hz)
RTOTAL = 100kDCP2)
Absolute Linearity (2)
-1
+1
MI(4)
Rw(n)(actual) - Rw(n)(expected)
Relative Linearity (3)
-1
+1
MI(4)
Rw(n + 1) - [Rw(n) + MI]
RTOTAL Temperature Coefficient
±300
ppm/°C
RTOTAL = 10kDCP1)
±300
ppm/°C
RTOTAL = 100kDCP2)
CH/CL/CW
Potentiometer Capacitances
10/10/25
pF
See Figure 21.
twcr
Wiper Response time (6)
200
s
See Figure 25.
VTRIP
Vcc power-up DCP recall threshold
V
tPU
Vcc power-up DCP recall delay time (6)
25
50
75
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com