Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9521 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp X9521 Datasheet HTML 10Page - Renesas Technology Corp X9521 Datasheet HTML 11Page - Renesas Technology Corp X9521 Datasheet HTML 12Page - Renesas Technology Corp X9521 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 9 of 24
September 21, 2010
2kbit EEPROM ARRAY
Operations on the 2kbit EEPROM Array, consist of either 1,
2 or 3 byte command sequences. All operations on the
EEPROM must begin with the Device Type Identifier of the
Slave Address set to 1010000. A Read or Write to the
EEPROM is selected by setting the LSB of the Slave
Address to the appropriate value R/W (Read = “1”, Write =
”0”).
In some cases when performing a Read or Write to the
EEPROM, an Address Byte may also need to be specified.
This Address Byte can contain the values 00h to FFh.
EEPROM Byte Write
In order to perform an EEPROM Byte Write operation to the
EEPROM array, the Write Enable Latch (WEL) bit of the
CONSTAT Register must first be set (See “BL1, BL0: Block
Lock protection bits - (Nonvolatile)” on page 12.)
For a write operation, the X9521 requires the Slave
Address Byte and an Address Byte. This gives the master
access to any one of the words in the array. After receipt of
the Address Byte, the X9521 responds with an
ACKNOWLEDGE, and awaits the next eight bits of data.
After receiving the 8 bits of the Data Byte, it again responds
with an ACKNOWLEDGE. The master then terminates the
transfer by generating a STOP condition, at which time the
X9521 begins the internal write cycle to the nonvolatile
memory (See Figure 12). During this internal write cycle,
the X9521 inputs are disabled, so it does not respond to
any requests from the master. The SDA output is at high
impedance. A write to a region of EEPROM memory which
has been protected with the Block-Lock feature (See “BL1,
BL0: Block Lock protection bits - (Nonvolatile)” on
page 12.), suppresses the ACKNOWLEDGE bit after the
Address Byte.
EEPROM Page Write
In order to perform an EEPROM Page Write operation to
the EEPROM array, the Write Enable Latch (WEL) bit of the
CONSTAT Register must first be set (See “BL1, BL0: Block
Lock protection bits - (Nonvolatile)” on page 12.)
The X9521 is capable of a page write operation. It is initi-
ated in the same manner as the byte write operation; but
instead of terminating the write cycle after the first data byte
is transferred, the master can transmit an unlimited number
of 8-bit bytes. After the receipt of each byte, the X9521
responds with an ACKNOWLEDGE, and the address is
internally incremented by one. The page address remains
constant. When the counter reaches the end of the page, it
“rolls over” and goes back to ‘0’ on the same page.
For example, if the master writes 12 bytes to the page start-
ing at location 11 (decimal), the first 5 bytes are written to
locations 11 through 15, while the last 7 bytes are written to
locations 0 through 6. Afterwards, the address counter
would point to location 7. If the master supplies more than
16 bytes of data, then new data overwrites the previous
data, one byte at a time (See Figure 13).
The master terminates the Data Byte loading by issuing a
STOP condition, which causes the X9521 to begin the non-
volatile write cycle. As with the byte write operation, all
inputs are disabled until completion of the internal write
cycle. See Figure 10 for the address, ACKNOWLEDGE,
and data transfer sequence.
Stops and EEPROM Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
and receiving the subsequent ACKNOWLEDGE signal. If
the master issues a STOP within a Data Byte, or before the
X9521 issues a corresponding ACKNOWLEDGE, the
X9521 cancels the write operation. Therefore, the contents
of the EEPROM array does not change.
S
t
a
r
t
S
t
o
p
Slave
Address
Address
Byte
Data
Byte
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 12. EEPROM Byte Write Sequence
Internal
Device
Address
1 01 0 0 0 0 0
WRITE Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com