Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9521 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9521 Datasheet HTML 1Page - Renesas Technology Corp X9521 Datasheet HTML 2Page - Renesas Technology Corp X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 2 of 24
September 21, 2010
PIN CONFIGURATION
PIN ASSIGNMENT
Ordering Information
PART NUMBER
PART MARKING
PRESET (FACTORY SHIPPED) VTRIPx
THRESHOLD LEVELS (x = 2, 3)
TEMP RANGE (°C)
PACKAGE
X9521V20I-A
X9521VIA
Optimized for 3.3V system monitoring
-40 to +85
20 Ld TSSOP
X9521V20I-B
X9521VIB
Optimized for 5V system monitoring
-40 to +85
20 Ld TSSOP
X9521V20IZ-A (Note)
X9521VZIA
Optimized for 3.3V system monitoring
-40 to +85
20 Ld TSSOP (Pb-free)
X9521V20IZ-B (Note)
X9521VZIB
Optimized for 5V system monitoring
-40 to +85
20 Ld TSSOP (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NC
RL2
NC
3
4
Vcc
SCL
NC
NC
RW1
RH1
7
8
NC
VSS
10
RL1
RH2
1
18
19
17
20
14
15
13
16
12
11
NC
6
RW2
2
SDA
9
NC
5
WP
NC
NC
20 Pin TSSOP
Pin
Name
Function
1
RH2
Connection to end of resistor array for (the 256 Tap) DCP 2.
2
Rw2
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 2.
3
RL2
Connection to other end of resistor array for (the 256 Tap) DCP2.
7WP
Write Protect Control Pin. WP pin is a TTL level compatible input. When held HIGH, Write Protection is
enabled. In the enabled state, this pin prevents all nonvolatile “write” operations. Also, when the Write Pro-
tection is enabled, and the device Block Lock feature is active (i.e. the Block Lock bits are NOT [0,0]), then
no “write” (volatile or nonvolatile) operations can be performed in the device (including the wiper position
of any of the integrated Digitally Controlled Potentiometers (DCPs). The WP pin uses an internal “pull-
down” resistor, thus if left floating the write protection feature is disabled.
8SCL
Serial Clock. This is a TTL level compatible input pin used to control the serial bus timing for data input
and output.
9SDA
Serial Data. SDA is a bidirectional TTL level compatible pin used to transfer data into and out of the de-
vice. The SDA pin input buffer is always active (not gated). This pin requires an external pull up resistor.
10
Vss
Ground.
11
RL1
Connection to other end of resistor for (the 100 Tap) DCP 1.
12
Rw1
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 1
13
RH1
Connection to end of resistor array for (the 100 Tap) DCP 1.
20
Vcc
Supply Voltage.
4, 5, 6,
14, 15,
16, 17,
18, 19
NC
No connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com