Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2761AX Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2761AX Datasheet HTML 5Page - Dallas Semiconductor DS2761AX Datasheet HTML 6Page - Dallas Semiconductor DS2761AX Datasheet HTML 7Page - Dallas Semiconductor DS2761AX Datasheet HTML 8Page - Dallas Semiconductor DS2761AX Datasheet HTML 9Page - Dallas Semiconductor DS2761AX Datasheet HTML 10Page - Dallas Semiconductor DS2761AX Datasheet HTML 11Page - Dallas Semiconductor DS2761AX Datasheet HTML 12Page - Dallas Semiconductor DS2761AX Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS2761
9 of 24
When the internal sense resistor is used, the DS2761 maintains the current accumulator in units of amp-
hours, with a resolution of 0.25mAhrs and full-scale range of
±8.2Ahrs. When using an external sense
resistor, the DS2761 maintains the current accumulator in units of volt-hours, with a resolution of
6.25
mVhrs and a full scale range of ±205mVhrs.
The current accumulator is a read/write register that can be altered by the host system as needed.
Figure 5. CURRENT ACCUMULATOR FORMAT
MSB—Address 10
LSB—Address 11
S214 213 212 211 210 29
28
27
26
25
24
23
22
21 20
MSb
LSb
MSb
LSb
Units: 0.25mAhrs for Internal Sense Resistor
6.25
mVhrs for External Sense Resistor
CURRENT OFFSET COMPENSATION
Current measurement and current accumulation are both internally compensated for offset on a continual
basis minimizing error resulting from variations in device temperature and voltage. Additionally, a
constant bias can be utilized to alter any other sources of offset. This bias resides in EEPROM address
33h in two’s-complement format and is subtracted from each current measurement. The current offset
bias is applied to both the internal and external sense resistor configurations. The factory default for the
current offset bias is a value of 0.
Figure 6. CURRENT OFFSET BIAS
Address 33
S26
25
24
23
22
21 20
MSb
LSb
Units: 0.625mA for Internal Sense Resistor
15.625
mV for External Sense Resistor
VOLTAGE MEASUREMENT
The DS2761 continually measures the voltage between pins VIN and VSS over a range of 0 to 4.75V. The
voltage register is updated in two’s-complement format every 3.4ms with a resolution of 4.88mV.
Voltages above the maximum register value are reported as the maximum value. The voltage register
format is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com