Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2761AX Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2761AX Datasheet HTML 9Page - Dallas Semiconductor DS2761AX Datasheet HTML 10Page - Dallas Semiconductor DS2761AX Datasheet HTML 11Page - Dallas Semiconductor DS2761AX Datasheet HTML 12Page - Dallas Semiconductor DS2761AX Datasheet HTML 13Page - Dallas Semiconductor DS2761AX Datasheet HTML 14Page - Dallas Semiconductor DS2761AX Datasheet HTML 15Page - Dallas Semiconductor DS2761AX Datasheet HTML 16Page - Dallas Semiconductor DS2761AX Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS2761
13 of 24
Figure 10. STATUS REGISTER FORMAT
Address 01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
PMOD RNAOP SWEN
X
X
X
PMOD—Sleep Mode Enable. A value of 1 in this bit enables the DS2761 to enter sleep mode when the
DQ line goes low for greater than 2s and to leave sleep mode when the DQ line goes high. A value of 0
disables DQ-related transitions into and out of sleep mode. This bit is read-only. The desired default value
should be set in bit 5 of address 31h. The factory default is 0.
RNAOP—Read Net Address Opcode. A value of 0 in this bit sets the opcode for the read net address
command to 33h, while a 1 sets the opcode to 39h. This bit is read-only. The desired default value should
be set in bit 4 of address 31h. The factory default is 0.
SWEN—SWAP Command Enable. A value of 1 in this bit location enables the recognition of a SWAP
command. If set to 0, SWAP commands are ignored. The desired default value should be set in bit 3 of
address 31h. This bit is read-only. The factory default is 0.
X—Reserved Bits.
EEPROM REGISTER
The format of the EEPROM register is shown in Figure 11. The function of each bit is described in detail
in the following paragraphs.
Figure 11. EEPROM REGISTER FORMAT
Address 07
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEC
LOCK
X
X
X
X
BL1
BL0
EEC—EEPROM Copy Flag. A 1 in this read-only bit indicates that a copy data command is in progress.
While this bit is high, writes to EEPROM addresses are ignored. A 0 in this bit indicates that data may be
written to unlocked EEPROM blocks.
LOCK—EEPROM Lock Enable. When this bit is 0, the lock command is ignored. Writing a 1 to this bit
enables the lock command. After the lock command is executed, the LOCK bit is reset to 0. The factory
default is 0.
BL1—EEPROM Block 1 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 1 (addresses
30 to 3F) is locked (read-only) while a 0 indicates block 1 is unlocked (read/write).
BL0—EEPROM Block 0 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 0 (addresses
20 to 2F) is locked (read-only) while a 0 indicates block 0 is unlocked (read/write).
X—Reserved Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com