Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2761AX Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS2761AX Datasheet HTML 11Page - Dallas Semiconductor DS2761AX Datasheet HTML 12Page - Dallas Semiconductor DS2761AX Datasheet HTML 13Page - Dallas Semiconductor DS2761AX Datasheet HTML 14Page - Dallas Semiconductor DS2761AX Datasheet HTML 15Page - Dallas Semiconductor DS2761AX Datasheet HTML 16Page - Dallas Semiconductor DS2761AX Datasheet HTML 17Page - Dallas Semiconductor DS2761AX Datasheet HTML 18Page - Dallas Semiconductor DS2761AX Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS2761
15 of 24
a command sequence from proceeding as a result of a CRC mismatch. Proper use of the CRC can result
in a communication channel with a very high level of integrity.
The CRC can be generated by the host using a circuit consisting of a shift register and XOR gates as
shown in Figure 10, or it can be generated in software. Additional information about the Dallas 1-Wire
CRC is available in Application Note 27, Understanding and Using Cyclic Redundancy Checks with
Dallas Semiconductor Touch Memory Products
. (This application not can be found on the Maxim/Dallas
Semiconductor website at www.maxim-ic.com).
In the circuit in Figure 14, the shift register bits are initialized to 0. Then, starting with the least
significant bit of the family code, one bit at a time is shifted in. After the 8th bit of the family code has
been entered, then the serial number is entered. After the 48th bit of the serial number has been entered,
the shift register contains the CRC value.
Figure 14. 1-WIRE CRC GENERATION BLOCK DIAGRAM
HARDWARE CONFIGURATION
Because the 1-Wire bus has only a single line, it is important that each device on the bus be able to drive
it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must connect to the
bus with open-drain or tri-state output drivers. The DS2761 used an open-drain output driver as part of
the bidirectional interface circuitry shown in Figure 15. If a bidirectional pin is not available on the bus
master, separate output and input pins can be connected together.
The 1-Wire bus must have a pullup resistor at the bus-master end of the bus. For short line lengths, the
value of this resistor should be approximately 5k
W. The idle state for the 1-Wire bus is high. If, for any
reason, a bus transaction must be suspended, the bus must be left in the idle state in order to properly
resume the transaction later. If the bus is left low for more than 120ms, slave devices on the bus begin to
interpret the low period as a reset pulse, effectively terminating the transaction.
Figure 15. 1-WIRE BUS INTERFACE CIRCUITRY
1
mA
(typ)
100
W
MOSFET
Tx
Rx
Rx
Tx
Rx = RECEIVE
Tx = TRANSMIT
Vpullup
(2.0V to 5.5V)
4.7k
W
BUS MASTER
DS2761 1-WIRE PORT
MSb
XOR
XOR
LSb
XOR
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com